Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C167CS Datasheet(PDF) 116 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 116 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 112Page - Infineon Technologies AG C167CS Datasheet HTML 113Page - Infineon Technologies AG C167CS Datasheet HTML 114Page - Infineon Technologies AG C167CS Datasheet HTML 115Page - Infineon Technologies AG C167CS Datasheet HTML 116Page - Infineon Technologies AG C167CS Datasheet HTML 117Page - Infineon Technologies AG C167CS Datasheet HTML 118Page - Infineon Technologies AG C167CS Datasheet HTML 119Page - Infineon Technologies AG C167CS Datasheet HTML 120Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 517 page
background image
C167CS
Derivatives
Interrupt and Trap Functions
User’s Manual
5-33
V2.0, 2000-07
Note: The trap service routine must clear the respective trap flag, otherwise a new trap
will be requested after exiting the service routine. Setting a trap request flag by
software causes the same effects as if it had been set by hardware.
In the case where e.g. an Undefined Opcode trap (class B) occurs simultaneously with
an NMI trap (class A), both the NMI and the UNDOPC flag is set, the IP of the instruction
with the undefined opcode is pushed onto the system stack, but the NMI trap is
executed. After return from the NMI service routine, the IP is popped from the stack and
immediately pushed again because of the pending UNDOPC trap.
TFR
Trap Flag Register
SFR (FFACH/D6H)
Reset Value: 0000H
15
14
13
12
11
10
9876
543210
NMI STK
OF
STK
UF
-----
UND
OPC
---
PRT
FLT
ILL
OPA
ILL
INA
ILL
BUS
rwh
rwh
rwh
-
-
-
-
rwh
-
-
-
rwh
rwh
rwh
rwh
Bit
Function
ILLBUS
Illegal External Bus Access Flag
An external access has been attempted with no external bus defined.
ILLINA
Illegal Instruction Access Flag
A branch to an odd address has been attempted.
ILLOPA
Illegal Word Operand Access Flag
A word operand access (read or write) to an odd address has been attempted.
PRTFLT
Protection Fault Flag
A protected instruction with an illegal format has been detected.
UNDOPC
Undefined Opcode Flag
The currently decoded instruction has no valid C167CS opcode.
STKUF
Stack Underflow Flag
The current stack pointer value exceeds the content of register STKUN.
STKOF
Stack Overflow Flag
The current stack pointer value falls below the content of reg. STKOV.
NMI
Non Maskable Interrupt Flag
A negative transition (falling edge) has been detected on pin NMI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com