Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C167CS Datasheet(PDF) 119 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 119 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 115Page - Infineon Technologies AG C167CS Datasheet HTML 116Page - Infineon Technologies AG C167CS Datasheet HTML 117Page - Infineon Technologies AG C167CS Datasheet HTML 118Page - Infineon Technologies AG C167CS Datasheet HTML 119Page - Infineon Technologies AG C167CS Datasheet HTML 120Page - Infineon Technologies AG C167CS Datasheet HTML 121Page - Infineon Technologies AG C167CS Datasheet HTML 122Page - Infineon Technologies AG C167CS Datasheet HTML 123Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 517 page
background image
C167CS
Derivatives
Clock Generation
User’s Manual
6-1
V2.0, 2000-07
6
Clock Generation
All activities of the C167CS’s controller hardware and its on-chip peripherals are
controlled via the system clock signal
fCPU.
This reference clock is generated in three stages (see also Figure 6-1):
Oscillator
The on-chip Pierce oscillator can either run with an external crystal and appropriate
oscillator circuitry or it can be driven by an external oscillator or another clock source.
Frequency Control
The input clock signal feeds the controller hardware:
• directly, providing phase coupled operation on not too high input frequency
• divided by 2 in order to get 50% duty cycle clock signal
• via an on-chip phase locked loop (PLL) providing max. performance on low input
frequency
• via the Slow Down Divider (SDD) in order to reduce the power consumption.
The resulting internal clock signal is referred to as “CPU clock”
fCPU.
Clock Drivers
The CPU clock is distributed via separate clock drivers which feed the CPU itself and
two groups of peripheral modules. The RTC is fed with the prescaled oscillator clock
(
fRTC) via a separate clock driver, so it is not affected by the clock control functions.
Figure 6-1
CPU Clock Generation Stages
MCD04457
OSC
Prescaler
PLL
SDD
Idle Mode
CPU
PCDDIS
Peripherals,
Ports, Intrl. Ctrl.
Interfaces
CCD
PCD
ICD
P. D. Mode
RTC
32:1
Oscillator
Frequency Control
Clock Drivers
f
RTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com