Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C167CS Datasheet(PDF) 121 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 121 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 117Page - Infineon Technologies AG C167CS Datasheet HTML 118Page - Infineon Technologies AG C167CS Datasheet HTML 119Page - Infineon Technologies AG C167CS Datasheet HTML 120Page - Infineon Technologies AG C167CS Datasheet HTML 121Page - Infineon Technologies AG C167CS Datasheet HTML 122Page - Infineon Technologies AG C167CS Datasheet HTML 123Page - Infineon Technologies AG C167CS Datasheet HTML 124Page - Infineon Technologies AG C167CS Datasheet HTML 125Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 517 page
background image
C167CS
Derivatives
Clock Generation
User’s Manual
6-3
V2.0, 2000-07
For input frequencies above 25 … 30 MHz the oscillator’s output should be terminated
as shown in Figure 6-3, at lower frequencies it may be left open. This termination
improves the operation of the oscillator by filtering out frequencies above the intended
oscillator frequency.
Figure 6-3
Oscillator Output Termination
Note: It is strongly recommended to measure the oscillation allowance (or margin) in the
final target system (layout) to determine the optimum parameters for the oscillator
operation.
MCS04336
XTAL1
Input Clock
XTAL2
15 pF
3 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com