Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C167CS Datasheet(PDF) 125 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 125 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 121Page - Infineon Technologies AG C167CS Datasheet HTML 122Page - Infineon Technologies AG C167CS Datasheet HTML 123Page - Infineon Technologies AG C167CS Datasheet HTML 124Page - Infineon Technologies AG C167CS Datasheet HTML 125Page - Infineon Technologies AG C167CS Datasheet HTML 126Page - Infineon Technologies AG C167CS Datasheet HTML 127Page - Infineon Technologies AG C167CS Datasheet HTML 128Page - Infineon Technologies AG C167CS Datasheet HTML 129Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 517 page
background image
C167CS
Derivatives
Clock Generation
User’s Manual
6-7
V2.0, 2000-07
The PLL constantly synchronizes to the external clock signal. Due to the fact that the
external frequency is 1/F’th of the PLL output frequency the output frequency may be
slightly higher or lower than the desired frequency. This jitter is irrelevant for longer time
periods. For short periods (1 … 4 CPU clock cycles) it remains below 4%.
Figure 6-6
PLL Block Diagram
Table 6-1
C167CS Clock Generation Modes
RP0H.7-5
(P0H.7-5)
CPU Frequency
fCPU = fOSC × F
External Clock
Input Range1)
1) The external clock input range refers to a CPU clock range of 10 … 33 MHz.
Notes
1 1 1
fOSC × 4
2.5 to 8.25 MHz
Default configuration
1 1 0
fOSC × 3
3.33 to 11 MHz
–
10 1
fOSC × 2
5 to 16.5 MHz
–
1 0 0
fOSC × 5
2 to 6.6 MHz
–
0 1 1
fOSC × 1
1 to 33 MHz
Direct drive 2)
2) The maximum frequency depends on the duty cycle of the external clock signal. In emulation mode pin P0.15
(P0H.7) is inverted, i.e. the configuration ‘111’ would select direct drive in emulation mode.
0 1 0
fOSC × 1.5
6.66 to 22 MHz
–
0 0 1
fOSC / 2
2 to 66 MHz
CPU clock via prescaler
0 0 0
fOSC × 2.5
4 to 13.2 MHz
–
MCB04339
f
IN
PLL Circuit
f
PLL = F × fIN
Reset
PWRDN
f
PLL
f
CPU
OWD
Reset
Sleep
Lock
XP3INT
CLKCFG
(RP0H.7-5)
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com