Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C167CS Datasheet(PDF) 127 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 127 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 123Page - Infineon Technologies AG C167CS Datasheet HTML 124Page - Infineon Technologies AG C167CS Datasheet HTML 125Page - Infineon Technologies AG C167CS Datasheet HTML 126Page - Infineon Technologies AG C167CS Datasheet HTML 127Page - Infineon Technologies AG C167CS Datasheet HTML 128Page - Infineon Technologies AG C167CS Datasheet HTML 129Page - Infineon Technologies AG C167CS Datasheet HTML 130Page - Infineon Technologies AG C167CS Datasheet HTML 131Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 517 page
background image
C167CS
Derivatives
Clock Generation
User’s Manual
6-9
V2.0, 2000-07
6.4
Clock Drivers
The operating clock signal
fCPU is distributed to the controller hardware via several clock
drivers which are disabled under certain circumstances. The real time clock RTC is
clocked via a separate clock driver which delivers the prescaled oscillator clock (contrary
to the other clock drivers). Table 6-2 summarizes the different clock drivers and their
function, especially in power reduction modes:
Note: Disabling PCD by setting bit PCDDIS stops the clock signal for all connected
modules. Make sure that all these modules are in a safe state before stopping their
clock signal.
The port input and output values will not change while PCD is disabled
(ASC0 and SSC will still operate, if active),
CLKOUT will be high if enabled.
Please also respect the hints given in section Section 21.5.
Table 6-2
Clock Drivers Description
Clock Driver
Clock
Signal
Active
Mode
Idle
Mode
Power
Down
and Sleep
Mode
Connected Circuitry
CCD
CPU
Clock Driver
fCPU
ON
Off
Off
CPU,
internal memory modules
(IRAM, ROM/OTP/Flash)
ICD
Interface
Clock Driver
fCPU
ON
ON
Off
ASC0, WDT, SSC,
interrupt detection
circuitry
PCD
Peripheral
Clock Driver
fCPU
Control via
PCDDIS
Control via
PCDDIS
Off
(X)Peripherals (timers,
etc.) except those driven
by ICD,
interrupt controller, ports
RCD
RTC
Clock Driver
fRTC
ON
ON
Control via
PDCON /
SLEEP-
CON
Realtime clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com