Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C167CS Datasheet(PDF) 126 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 126 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 122Page - Infineon Technologies AG C167CS Datasheet HTML 123Page - Infineon Technologies AG C167CS Datasheet HTML 124Page - Infineon Technologies AG C167CS Datasheet HTML 125Page - Infineon Technologies AG C167CS Datasheet HTML 126Page - Infineon Technologies AG C167CS Datasheet HTML 127Page - Infineon Technologies AG C167CS Datasheet HTML 128Page - Infineon Technologies AG C167CS Datasheet HTML 129Page - Infineon Technologies AG C167CS Datasheet HTML 130Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 517 page
background image
C167CS
Derivatives
Clock Generation
User’s Manual
6-8
V2.0, 2000-07
6.3
Oscillator Watchdog
The C167CS provides an Oscillator Watchdog (OWD) which monitors the clock signal
fed to input XTAL1 of the on-chip oscillator (either with a crystal or via external clock
drive) in prescaler or direct drive mode (not if the PLL provides the basic clock). For this
operation the PLL provides a clock signal (base frequency) which is used to supervise
transitions on the oscillator clock. This PLL clock is independent from the XTAL1 clock.
When the expected oscillator clock transitions are missing the OWD activates the PLL
Unlock/OWD interrupt node and supplies the CPU with the PLL clock signal instead of
the selected oscillator clock (see Figure 6-4). Under these circumstances the PLL will
oscillate with its base frequency.
In direct drive mode the PLL base frequency is used directly (
fCPU = 2 … 5 MHz).
In prescaler mode the PLL base frequency is divided by 2 (
fCPU = 1 … 2.5 MHz).
If the oscillator clock fails while the PLL provides the basic clock the system will be
supplied with the PLL base frequency anyway.
With this PLL clock signal the CPU can either execute a controlled shutdown sequence
bringing the system into a defined and safe idle state, or it can provide an emergency
operation of the system with reduced performance based on this (normally slower)
emergency clock.
Note: The CPU clock source is only switched back to the oscillator clock after a
hardware reset.
The oscillator watchdog can be disabled by setting bit OWDDIS in register SYSCON.
In this case the PLL remains idle and provides no clock signal, while the CPU clock
signal is derived directly from the oscillator clock or via prescaler or SDD. Also no
interrupt request will be generated in case of a missing oscillator clock.
Note: At the end of an external reset bit OWDDIS reflects the inverted level of pin RD at
that time. Thus the oscillator watchdog may also be disabled via hardware by
(externally) pulling the RD line low upon a reset, similar to the standard reset
configuration via PORT0.
The oscillator watchdog cannot provide full security while the CPU clock signal is
generated by the SlowDown Divider, because the OWD cannot switch to the PLL clock
in this case (see Figure 6-4). OWD interrupts are only recognizable if
fOSC is still
available (e.g. input frequency too low or intermittent failure only).
A broken crystal cannot be detected by software (OWD interrupt server) as no SDD
clock is available in such a case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com