Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C167CS Datasheet(PDF) 128 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 128 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 124Page - Infineon Technologies AG C167CS Datasheet HTML 125Page - Infineon Technologies AG C167CS Datasheet HTML 126Page - Infineon Technologies AG C167CS Datasheet HTML 127Page - Infineon Technologies AG C167CS Datasheet HTML 128Page - Infineon Technologies AG C167CS Datasheet HTML 129Page - Infineon Technologies AG C167CS Datasheet HTML 130Page - Infineon Technologies AG C167CS Datasheet HTML 131Page - Infineon Technologies AG C167CS Datasheet HTML 132Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 517 page
background image
C167CS
Derivatives
Parallel Ports
User’s Manual
7-1
V2.0, 2000-07
7
Parallel Ports
In order to accept or generate single external control signals or parallel data, the
C167CS provides up to 111 parallel IO lines organized into one 16-bit IO port (Port 2),
eight 8-bit IO ports (PORT0 made of P0H and P0L, PORT1 made of P1H and P1L,
Port 4, Port 6, Port 7, Port 8), one 15-bit IO port (Port 3), and one 16-bit input port
(Port 5).
These port lines may be used for general purpose Input/Output controlled via software
or may be used implicitly by the C167CS’s integrated peripherals or the External Bus
Controller.
All port lines are bit addressable, and all input/output lines are individually (bit-wise)
programmable as inputs or outputs via direction registers (except Port 5, of course). The
IO ports are true bidirectional ports which are switched to high impedance state when
configured as inputs. The output drivers of six IO ports (2, 3, 4, 6, 7, 8) can be configured
(pin by pin) for push/pull operation or open-drain operation via control registers.
The logic level of a pin is clocked into the input latch once per state time, regardless
whether the port is configured for input or output.
Figure 7-1
SFRs and Pins associated with the Parallel Ports
P0L
MCA04460
Data Input / Output
Registers
Direction Control
Registers
Port Driver Control
Register
Diverse Control
Registers
P2
P4
P5
P0H
P1L
P1H
P3
P6
P7
P8
DP0L
DP2
DP4
DP0H
DP1L
DP1H
DP3
DP6
DP7
DP8
E
E
E
E
POCON2
POCON4
POCON0H
POCON1L
POCON1H
POCON3
E
E
E
E
POCON0L
E
E
E
E
E
E
E
POCON6
POCON7
POCON8
POCON20
E
PICON
P1DIDIS
ODP2
E
ODP3
E
E
ODP4
E
P5DIDIS
E
ODP6
E
ODP7
E
ODP8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com