Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 29Page - Renesas Technology Corp M32C/8B Datasheet HTML 30Page - Renesas Technology Corp M32C/8B Datasheet HTML 31Page - Renesas Technology Corp M32C/8B Datasheet HTML 32Page - Renesas Technology Corp M32C/8B Datasheet HTML 33Page - Renesas Technology Corp M32C/8B Datasheet HTML 34Page - Renesas Technology Corp M32C/8B Datasheet HTML 35Page - Renesas Technology Corp M32C/8B Datasheet HTML 36Page - Renesas Technology Corp M32C/8B Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 406 page
background image
M32C/8B Group
1. Overview
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 16 of 385
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
Table 1.12
Pin Functions (100-Pin and 144-Pin Packages) (2/3)
Item
Symbol
I/O
Type
Supply
Voltage
Description
Main clock
input
XIN
I
VCC1
Input/output pins for the main clock oscillation circuit. Connect a
ceramic resonator or crystal oscillator between XIN and XOUT. To
apply an external clock, apply it to XIN and leave XOUT open.
Main clock
output
XOUT
O
VCC1
Sub clock
input
XCIN
I
VCC1
Input/output pins for the sub clock oscillation circuit. Connect a
crystal oscillator between XCIN and XCOUT. To apply an external
clock, apply it to XCIN and leave XCOUT open.
Sub clock
output
XCOUT
O
VCC1
BCLK output
BCLK
O
VCC2
Bus clock output pin
Clock output
CLKOUT
O
VCC2
The CLKOUT pin outputs the clock having the same frequency as
fC, f8, or f32
INT interrupt
input
INT0 to INT2
I
VCC1
INT interrupt input pins
NT3 to INT5
I
VCC2
NMI interrupt
input
NMI
I
VCC1
NMI interrupt input pin. Connect the NMI pin to VCC1 via a resistor
when the NMI interrupt is not used.
Timer A
TA0OUT to
TA4OUT
I/O
VCC1
Timer A0 to A4 input/output pins
(TA0OUT is N-channel open drain output)
TA0IN to
TA4IN
I
VCC1
Timer A0 to A4 input pins
Timer B
TB0IN to
TB5IN
I
VCC1
Timer B0 to B5 input pins
Three-phase
motor control
timer output
U, U, V, V,
W, W
O
VCC1
Three-phase motor control timer output pins
Serial
interface
CTS0 to
CTS4
I
VCC1
Input pins to control data transmission
RTS0 to
RTS4
O
VCC1
Output pins to control data reception
CLK0 to CLK4
I/O
VCC1
Serial clock input/output pins
RXD0 to
RXD4
I
VCC1
Serial data input pins
TXD0 to
TXD4
O
VCC1
Serial data output pins
(TXD2 is N-channel open drain output)
I2C mode
SDA0 to
SDA4
I/O
VCC1
Serial data input/output pins
(SDA2 is N-channel open drain output)
SCL0 to SCL4
I/O
VCC1
Serial clock input/output pins
(SCL2 is N-channel open drain output)
Serial
interface
special function
STXD0 to
STXD4
O
VCC1
Serial data output pins when slave mode is selected
(STXD2 is N-channel open drain output)
SRXD0 to
SRXD4
I
VCC1
Serial data input pins when slave mode is selected
SS0 to SS4
I
VCC1
Control input pins used in the serial interface special mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com