Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 60Page - Renesas Technology Corp M32C/8B Datasheet HTML 61Page - Renesas Technology Corp M32C/8B Datasheet HTML 62Page - Renesas Technology Corp M32C/8B Datasheet HTML 63Page - Renesas Technology Corp M32C/8B Datasheet HTML 64Page - Renesas Technology Corp M32C/8B Datasheet HTML 65Page - Renesas Technology Corp M32C/8B Datasheet HTML 66Page - Renesas Technology Corp M32C/8B Datasheet HTML 67Page - Renesas Technology Corp M32C/8B Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 406 page
background image
Under development
M32C/8B Group
8. Bus
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 47 of 385
8.2
Bus Control
Described below are the signals required to access external devices and the bus timing. The signals are available in
memory expansion mode and microprocessor mode only.
8.2.1
Address Bus and Data Bus
Address bus is the signals to access 16-Mbyte space, and consists of 24 control pins; A0 to A22 and A23. A23
is an inverse output signal of the highest-order address bit.
Data bus is the signals for data input and output. The DS register selects either an 8-bit data bus width from D0
to D7 or a 16-bit data bus width from D0 to D15 for each external space. When a high-level (“H”) signal is
applied to the BYTE pin, the data bus accessing the external space 3 is 8 bits wide after reset. When a low-level
(“L”) signal is applied to the BYTE pin, the data bus accessing the external space 3 is 16 bits wide.
When changing single-chip mode to memory expansion mode, the address bus value is undefined until the
MCU accesses an external space.
8.2.2
Chip-Select Output
Chip-select outputs share pins with address bus, A20 to A22 and A23. Bits PM11 and PM10 in the PM1 register
determine the CS areas to be accessed and the number of chip-select outputs. Maximum of four chip-select
outputs are provided.
In microprocessor mode, no chip-select signal is output after reset. Only A23, however, can perform as a chip-
select output.
The CSi pin (i = 0 to 3) outputs an “L” signal while accessing its corresponding external space. An “H” signal is
output while the MCU is accessing other external spaces. Figure 8.2 shows an example of address bus and chip-
select outputs (separate bus).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com