Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 73Page - Renesas Technology Corp M32C/8B Datasheet HTML 74Page - Renesas Technology Corp M32C/8B Datasheet HTML 75Page - Renesas Technology Corp M32C/8B Datasheet HTML 76Page - Renesas Technology Corp M32C/8B Datasheet HTML 77Page - Renesas Technology Corp M32C/8B Datasheet HTML 78Page - Renesas Technology Corp M32C/8B Datasheet HTML 79Page - Renesas Technology Corp M32C/8B Datasheet HTML 80Page - Renesas Technology Corp M32C/8B Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 406 page
background image
Under development
M32C/8B Group
8. Bus
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 60 of 385
8.2.8
External Bus States when Accessing Internal Space
Table 8.9 lists external bus states when the internal space is accessed.
Table 8.9
External Bus States when Accessing Internal Space
8.2.9
BCLK Output
The bus clock can be output from the BCLK pin in memory expansion mode and microprocessor mode. To
output the bus clock, set the PM07 bit in the PM0 register to 0 (BCLK output) and bits CM01 and CM00 in the
CM0 register to 00b (I/O port P5_3). No BCLK is output in single-chip mode.
Refer to 9. Clock Generation Circuits for details.
Item
State when Accessing SFR, Internal ROM, and Internal RAM
A0 to A22, A23
Hold the last accessed address in the external space
D0 to D15
High-impedance
RD, WR, WRL, WRH
Outputs “H”
BHE
Holds the output level at the time when the MCU accessed the external
space or SFR area for the last time
CS
Outputs “H”
ALE
Outputs ALE signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com