Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 50Page - Renesas Technology Corp M32C/8B Datasheet HTML 51Page - Renesas Technology Corp M32C/8B Datasheet HTML 52Page - Renesas Technology Corp M32C/8B Datasheet HTML 53Page - Renesas Technology Corp M32C/8B Datasheet HTML 54Page - Renesas Technology Corp M32C/8B Datasheet HTML 55Page - Renesas Technology Corp M32C/8B Datasheet HTML 56Page - Renesas Technology Corp M32C/8B Datasheet HTML 57Page - Renesas Technology Corp M32C/8B Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 406 page
background image
Under development
M32C/8B Group
6. Power Supply Voltage Monitor Function
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 37 of 385
6.
Power Supply Voltage Monitor Function
Edge
generation
circuit
Watchdog timer interrupt
signal
Voltage monitor
interrupt signal
Oscillation stop
detection
interrupt signal
LVDIEN bit
VDEN bit, LVDIEN bit, LVDF flag, and VMF flag: Bits in the LVDC register
RVC3 to RVC0: Bits in the DVCR register
NOTE:
1. When the VDEN bit in the LVDC register is set to 0, (Voltage monitor function not used), Vdet detection signal becomes “H”
and the VMF bit becomes 1.
VCC1
Vdet detection
signal(1)
Voltage Monitor Function
+
-
≥ Vdet
VDEN bit
R1
R2
RVC3 to RVC0
VMF flag
LVDF flag
Watchdog timer
interrupt request
The power supply voltage monitor function detects the changes in voltage and triggers the interrupts.
Figure 6.1 shows a block diagram of the voltage monitor function. Figures 6.2 and 6.3 show registers associated with
the function.
Figure 6.1
Power Supply Voltage Monitor Function Block Diagram
b7
0
0
b6 b5 b4
b1
b2
b3
Symbol
LVDC
Bit Symbol
Bit Name
RW
VDEN
b0
Function
Voltage monitor function select
bit(2)
LVDIEN
RW
0: Voltage monitor interrupt disabled
1: Voltage monitor interrupt enabled
Voltage monitor interrupt
enable bit
(b7-b4)
Reserved bits
Set to 0
0 0
Voltage Monitor Register(1)
NOTES:
1. Set the LVDC register after setting the PRC3 bit in the PRCR register is set to 1 (write enable).
2. Wait for td(E-A) to elapse after the VDEN bit is set to 1 to use the voltage monitor function. To set the LVDIEN bit to 1, wait for
td(E-A) to elapse after the VDEN bit is set to 1.
3. Bits LVDF and VMF are enabled when the VDEN bit is 1. When the VDEN bit is 0, the LVDF bit becomes 0 and the VMF bit
becomes 1.
4. The LVDF bit can be set to 0 by a program. Writing a 1 has no effect.
0: Voltage monitor function not used
1: Voltage monitor function used
VMF
RO
0: VCC1
< Vdet (F)
1: VCC1
Vdet (R)
Voltage change monitor flag(3)
LVDF
RW
0: Not detected
1: Voltage crosses Vdet
Voltage change detect flag(3)(4)
RW
RW
Address
001Bh
After Reset
0000 1000b
Figure 6.2
LVDC Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com