Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 58Page - Renesas Technology Corp M32C/8B Datasheet HTML 59Page - Renesas Technology Corp M32C/8B Datasheet HTML 60Page - Renesas Technology Corp M32C/8B Datasheet HTML 61Page - Renesas Technology Corp M32C/8B Datasheet HTML 62Page - Renesas Technology Corp M32C/8B Datasheet HTML 63Page - Renesas Technology Corp M32C/8B Datasheet HTML 64Page - Renesas Technology Corp M32C/8B Datasheet HTML 65Page - Renesas Technology Corp M32C/8B Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 406 page
background image
Under development
M32C/8B Group
8. Bus
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 45 of 385
8.1.1
Selecting External Address Bus
The number of external address bus pins, the number of chip-select pins, and chip-select-assigned address space
(CS area) vary in each external space mode. Bits PM11 and PM10 in the PM1 register select external space
mode.
8.1.2
Selecting External Data Bus
The DS register selects either external 8-bit data bus or 16-bit data bus per each external space. The data bus in
the external space 3 becomes 16 bits wide when a low-level (“L”) signal is applied to the BYTE pin after reset,
and 8 bits wide when a high-level (“H”) signal is applied. Do not change the BYTE pin level while the MCU is
operating. Internal bus is always 16 bits wide.
8.1.3
Selecting Separate Bus/Multiplexed Bus
Bits PM05 and PM04 in the PM0 register select either the separate bus or multiplexed bus. The MCU starts up
with the separate bus after reset.
8.1.3.1
Separate Bus
With the separate bus format, the MCU performs data input/output and address output using individual buses.
The DS register selects 8-bit or 16-bit external data bus for each external space. If all DSi bits in the DS register
(i = 0 to 3) are set to 0 (8-bit data bus), port P0 functions as the data bus and port P1 as the programmable I/O
port.
If any of the DSi bits is set to 1 (16-bit data bus), ports P0 and P1 function as the data bus. Port P1 output is
undefined when the MCU accesses the space where its DSi bit is set to 0.
8.1.3.2
Multiplexed Bus
With the multiplexed bus format, the MCU performs data input/output and address output using the same bus
by time-sharing. D0 to D7 are time-multiplexed with A0 to A7 in the space accessed by the 8-bit data bus. D0 to
D15 are time-multiplexed with A0 to A15 in the space accessed by the 16-bit data bus.
When bits PM05 and PM04 in the PM0 register are set to 11b (access all CS area using multiplexed bus),
address bus has only 16 bits using A0 to A15. In this case, the accessible space is 64 Kbytes per each chip-select
output. Refer to Table 8.3 Processor Mode and Pin Function for details.
Table 8.2 lists multiplexed bus settings and chip-select areas.
Table 8.2
Multiplexed Bus Settings and Chip-Select Areas
NOTE:
1. In microprocessor mode, do not set bits PM05 and PM04 in the PM0 register to 11b (access all CS areas using
multiplexed bus).
PM05 and PM04
bits setting
PM11 and PM10 Bits Setting
00b
(external space
mode 0
01b
(external space
mode 1)
10b
(external space
mode 2)
11b
(external space
mode 3)
00b
(multiplexed bus not used)
Separate bus
01b
(access the CS2 area
using multiplexed bus)
Do not set to
these values
CS2
Do not set to
this value
CS2
10b
(access the CS1 area
using multiplexed bus)
CS1
CS1
CS1
11b
(access the all CS areas
using multiplexed bus)(1)
CS0
CS1
CS2
CS0
CS1
CS0
CS1
CS2
CS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com