Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 87Page - Renesas Technology Corp M32C/8B Datasheet HTML 88Page - Renesas Technology Corp M32C/8B Datasheet HTML 89Page - Renesas Technology Corp M32C/8B Datasheet HTML 90Page - Renesas Technology Corp M32C/8B Datasheet HTML 91Page - Renesas Technology Corp M32C/8B Datasheet HTML 92Page - Renesas Technology Corp M32C/8B Datasheet HTML 93Page - Renesas Technology Corp M32C/8B Datasheet HTML 94Page - Renesas Technology Corp M32C/8B Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 406 page
background image
Under development
M32C/8B Group
9. Clock Generation Circuits
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 74 of 385
Figure 9.9
FMR4 Register, VRCR Register
b7 b6 b5 b4
b1
b2
b3
Flash Memory Control Register 4(1)
Symbol
FMR4
Address
0059h
Bit Symbol
Bit Symbol
RW
FMR40
After Reset
00h
b0
Function
Flash memory low-speed access
enable bit
0: Normal-speed access
1: Low-speed access(2)
RW
(b7-b1)
Reserved bits
Set to 0
RW
NOTES:
1.
Set the FMR4 register in 8-bit units. To set the FMR40 bit to 1, write a 1 to the FMR40 bit immediately after writing a 0 to
the bit. Do not generate an interrupt or a DMA or DMACII transfer between these two settings.
2. The FMR40 bit can be set to 1 only when the CPU clock frequency is 2 MHz or lower.
0 0
0
0
0
0
0
b7 b6 b5 b4
b1
b2
b3
Voltage Regulator Control Register(1)
VRCR
001Fh
Bit Symbol
Bit Symbol
RW
MRS
00h
RW
b0
Function
Main voltage regulator stop bit(3)
NOTES:
1. Set the VRCR register after the PRC3 bit in the PRCR register is set to 1 (write enable).
2. The MRS bit can be set to 1 when all the conditions as follows are met;
a. In low-power consumption mode
b. The FMR40 bit is 1
c. On-chip oscillator stops (the CM21 bit in the CM2 register is 0, the PM22 bit in the PM2 register is 0, and bits PM27 and
PM26 are 00b)
3. When the PLC07 bit in PLC0 register is 1 (PLL runs) or the CM05 bit in the CM0 register is 0 (Main clock oscillates), the
MRS bit becomes 0.
0 : Main voltage regulator operates
1 : Main voltage regulator stops(2)
Unimplemented.
Write 0. Read as undefined value.
(b7-b1)
Symbol
Address
After Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com