Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 95Page - Renesas Technology Corp M32C/8B Datasheet HTML 96Page - Renesas Technology Corp M32C/8B Datasheet HTML 97Page - Renesas Technology Corp M32C/8B Datasheet HTML 98Page - Renesas Technology Corp M32C/8B Datasheet HTML 99Page - Renesas Technology Corp M32C/8B Datasheet HTML 100Page - Renesas Technology Corp M32C/8B Datasheet HTML 101Page - Renesas Technology Corp M32C/8B Datasheet HTML 102Page - Renesas Technology Corp M32C/8B Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 406 page
background image
Under development
M32C/8B Group
9. Clock Generation Circuits
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 82 of 385
9.4
Clock Output Function
The CLKOUT pin outputs fC, f8, or f32.
The BCLK clock, which has the same frequency as the CPU clock, can be output from the BCLK pin in memory
expansion mode or microprocessor mode.
Table 9.4 lists CLKOUT pin function in single-chip mode. Table 9.5 lists CLKOUT pin function in memory
expansion mode and microprocessor mode.
Table 9.4
CLKOUT Pin Function in Single-Chip Mode
NOTE:
1. Rewrite the CM0 register after setting the PRC0 bit in the PRCR register to 1 (write enable).
Table 9.5
CLKOUT Pin Function in Memory Expansion Mode and Microprocessor Mode
NOTES:
1. Change the CM0 register after setting the PRC0 bit in the PRCR register to 1 (write enable).
2. Change registers PM0 and PM1 after setting the PRC1 bit in the PRCR register to 1 (write enable).
CM0 Register(1)
P5_3/CLKOUT Pin Function
Bits CM01 and CM00
00b
I/O port P5_3
01b
Outputs fC
10b
Outputs f8
11b
Outputs f32
CM0 Register(1)
PM1 Register(2)
PM0 Register(2)
CLKOUT/BCLK/ALE Pin Function
Bits CM01 and CM00
Bits PM15 and PM14
PM07 bit
00b
00b
10b
11b
0
Outputs BCLK
1
Outputs “L”
(does not function as P5_3)
01b
0 or 1
Outputs ALE
01b
0 or 1
0 or 1
Outputs fC
10b
0 or 1
0 or 1
Outputs f8
11b
0 or 1
0 or 1
Outputs f32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com