Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 98Page - Renesas Technology Corp M32C/8B Datasheet HTML 99Page - Renesas Technology Corp M32C/8B Datasheet HTML 100Page - Renesas Technology Corp M32C/8B Datasheet HTML 101Page - Renesas Technology Corp M32C/8B Datasheet HTML 102Page - Renesas Technology Corp M32C/8B Datasheet HTML 103Page - Renesas Technology Corp M32C/8B Datasheet HTML 104Page - Renesas Technology Corp M32C/8B Datasheet HTML 105Page - Renesas Technology Corp M32C/8B Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 406 page
background image
Under development
M32C/8B Group
9. Clock Generation Circuits
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 85 of 385
9.5.1.8
Main Voltage Regulator Stops
Power consumption can be reduced by stopping the main voltage regulator in low-power consumption mode.
To stop the main voltage regulator, set the MRS bit in the VRCR register to 1 (main voltage regulator stops)
after all the following conditions are met.
(1) Low-power consumption mode
(2) On-chip oscillator stops
The CM21 bit in the CM2 register is set to 0
The PM22 bit in the PM2 register is set to 0
Bits PM27 and PM26 in the PM2 register are set to 00b
(3) The FMR40 bit in the FMR4 register is set to 1 (flash memory low-speed access)
Set the MRS bit to 0 (main voltage regulator operates) and wait for 50
μs or more before performing any of the
following settings: changing CPU operating mode to other than low-power consumption mode, starting the on-
chip oscillator, or setting the FMR40 bit 0 (flash memory normal-speed access).
Table 9.6
Operation Mode Setting
NOTE:
1. The CM21 bit in the CM2 register has both the oscillation control and selector functions.
CPU Clock
Source
Operating Mode
Oscillation Control
Selector
CM0 Register
PLC0
Register
CM2
Register
CM1
Register
CM0
Register
CM05
CM04
PLC07
CM21(1)
CM17
CM07
Main clock
Main clock mode
0
0 or 1
0 or 1
0
0
0
PLL clock
PLL mode
0
0 or 1
1010
Sub clock
Low-speed mode
0
1
0 or 1
0
0
1
Low power
consumption mode
1
10001
On-chip
oscillator clock
On-chip oscillator mode
0
0 or 1
0 or 1
1
0
0
On-chip oscillator low-
power consumption
mode
1
0 or 1
0100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com