Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 102Page - Renesas Technology Corp M32C/8B Datasheet HTML 103Page - Renesas Technology Corp M32C/8B Datasheet HTML 104Page - Renesas Technology Corp M32C/8B Datasheet HTML 105Page - Renesas Technology Corp M32C/8B Datasheet HTML 106Page - Renesas Technology Corp M32C/8B Datasheet HTML 107Page - Renesas Technology Corp M32C/8B Datasheet HTML 108Page - Renesas Technology Corp M32C/8B Datasheet HTML 109Page - Renesas Technology Corp M32C/8B Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 406 page
background image
Under development
M32C/8B Group
9. Clock Generation Circuits
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 89 of 385
9.5.2.3
Pin States in Wait Mode
Table 9.7 lists pin states in wait mode.
Table 9.7
Pin States in Wait Mode
9.5.2.4
Exiting Wait Mode
Wait mode is exited by the hardware reset, NMI interrupt, voltage monitor interrupt, or peripheral function
interrupts.
As for a peripheral function interrupt that is not used to exit wait mode, set bits ILVL2 to ILVL0 in the
corresponding Interrupt Control Register to 000b (interrupt disabled) before executing the WAIT instruction.
The CM02 bit setting in the CM0 register affects the use of the peripheral function interrupts to exit wait mode.
When the CM02 bit is set to 0 (peripheral clocks do not stop in wait mode), any peripheral function interrupts
can be used to exit wait mode. When the CM02 bit is set to 1 (peripheral clocks stop in wait mode), the
peripheral functions clocked by the peripheral function clocks stop, and therefore, the peripheral function
interrupts cannot be used to exit wait mode. However, the peripheral functions clocked by the external clock
and fC32 do not stop regardless of the CM02 bit setting. Also, f2n, which uses the XIN clock (fXIND) or on-
chip oscillator clock as its clock source does not stop. The interrupts generated by the peripheral functions
which operate using these clocks can be used to exit wait mode.
When the MCU exits wait mode by the peripheral function interrupts or NMI interrupt, the CPU clock does not
change before and after the WAIT instruction is executed.
Table 9.8 lists interrupts to be used to exit wait mode and usage conditions.
Pin
Memory Expansion Mode
Microprocessor Mode
Single-Chip Mode
Address bus, data bus, CS0 to CS3, BHE
Maintain the state immediately
before entering wait mode
RD, WR, WRL, WRH
“H”
HLDA, BCLK
“H”
ALE
“L”
Ports
Maintain the state immediately before entering wait mode
CLKOUT
When fC is selected
Continue to output the clock
When f8, f32 are selected • When the CM02 bit in the CM0 register is 0 (peripheral clocks
do not stop in wait mode): Continue to output the clock
• When the CM02 bit is 1 (peripheral clock stops in wait mode):
The clock is stopped and holds the level immediately before
entering wait mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com