Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 63Page - Renesas Technology Corp M32C/8B Datasheet HTML 64Page - Renesas Technology Corp M32C/8B Datasheet HTML 65Page - Renesas Technology Corp M32C/8B Datasheet HTML 66Page - Renesas Technology Corp M32C/8B Datasheet HTML 67Page - Renesas Technology Corp M32C/8B Datasheet HTML 68Page - Renesas Technology Corp M32C/8B Datasheet HTML 69Page - Renesas Technology Corp M32C/8B Datasheet HTML 70Page - Renesas Technology Corp M32C/8B Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 406 page
background image
Under development
M32C/8B Group
8. Bus
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 50 of 385
8.2.4
Bus Timing
Software wait states for the internal ROM and internal RAM can be set using the PM12 bit in the PM1 register,
for the SFR area using the PM13 bit, and for external spaces using the EWCRi register (i = 0 to 3). Table 8.6
lists a software wait state and bus cycle.
The basic bus cycle for the internal ROM, internal RAM, and SFR area is one bus clock (BCLK) cycle. A read
from the internal ROM takes the basic bus cycle. A read or write to the internal RAM takes the basic bus cycle.
When the PM12 bit in the PM1 register to 1 (1 wait state), an access to the internal ROM or internal RAM takes
two BCLK cycles.
A read or write to the SFR area takes two BCLK cycles (1 wait state). When the PM13 bit in the PM1 register is
set to 1 (2 wait states), an access takes three BCLK cycles.
The external bus cycle is divided into two phases: the number of BCLK cycles in the period from the beginning
of the bus access until the read or write output signal becomes “L” (first
φ), and the number of BCLK cycles in
the period from the read or write output signal becomes “L” until the signal changes to “H” (second
φ).
The minimum read or write cycle for the external bus is two BCLK cycles (1
φ + 1 φ). The EWCRi register (i =
0 to 3) selects an external bus cycle from 12 types for the separate bus and seven types for the multiplexed bus.
For example, when bits EWCRi4 to EWCRi0 in the EWCRi register are set to 00011b (1
φ + 3 φ), the external
bus cycle is four BCLK cycles.
Figure 8.3 shows the EWCRi register. Figures 8.4 to 8.8 show external bus timings.
Figure 8.3
EWCR0 to EWCR3 Registers
b7 b6 b5 b4
b1
b2
b3
External Space Wait Control Register i (i = 0 to 3)
Symbol
EWCR0 to EWCR3
Address
0048h, 0049h, 004Ah, 004Bh
Bit Symbol
Bit Name
RW
EWCRi0
After Reset
X0X0 0011b
RW
b0
Function
EWCRi1
RW
RW
EWCRi2
EWCRi3
EWCRi4
(b5)
(b7)
RW
RW
Bus cycle select bits(3)
b4 b3 b2 b1 b0 (1)
(2)
0 0 0 0 1: 1
φ + 1 φ
0 0 0 1 0: 1
φ + 2 φ
0 0 0 1 1: 1
φ + 3 φ
0 0 1 0 0: 1
φ + 4 φ
0 0 1 0 1: 1
φ + 5 φ
0 0 1 1 0: 1
φ + 6 φ
0 1 0 1 0: 2
φ + 2 φ
0 1 0 1 1: 2
φ + 3 φ
0 1 1 0 0: 2
φ + 4 φ
0 1 1 0 1: 2
φ + 5 φ
1 0 0 1 1: 3
φ + 3 φ
1 0 1 0 0: 3
φ + 4 φ
1 0 1 0 1: 3
φ + 5 φ
1 0 1 1 0: 3
φ + 6 φ
Do not set to values other than the above
Unimplemented.
Write 0. Read as undefined value.
Unimplemented.
Write 0. Read as undefined value.
Recovery cycle insert
select bit
0: Insert no recovery cycle when accessing
external space i
1: Insert a recovery cycle when accessing
external space i
EWCRi6
RW
NOTES:
1. The number of BCLK cycles in the period from the beginning of the bus access until the read or write output signal becomes "L".
2. The number of BCLK cycles in the period from the read or write output signal becomes "L" until the signal changes to "H".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com