Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 32Page - Renesas Technology Corp M32C/8B Datasheet HTML 33Page - Renesas Technology Corp M32C/8B Datasheet HTML 34Page - Renesas Technology Corp M32C/8B Datasheet HTML 35Page - Renesas Technology Corp M32C/8B Datasheet HTML 36Page - Renesas Technology Corp M32C/8B Datasheet HTML 37Page - Renesas Technology Corp M32C/8B Datasheet HTML 38Page - Renesas Technology Corp M32C/8B Datasheet HTML 39Page - Renesas Technology Corp M32C/8B Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 406 page
background image
Under development
M32C/8B Group
2. Central Processing Unit (CPU)
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 19 of 385
2.1
General Registers
2.1.1
Data Registers (R0, R1, R2, and R3)
R0, R1, R2, and R3 are 16-bit registers for transfer, arithmetic and logic operations. R0 and R1 can be split into
high-order (R0H/R1H) and low-order bits (R0L/R1L) to be used separately as 8-bit data registers.
R0 can be combined with R2 and used as a 32-bit data register (R2R0). The same applies to R3R1.
2.1.2
Address Registers (A0 and A1)
A0 and A1 are 24-bit registers used for A0-/A1-indirect addressing, A0-/A1-relative addressing, transfer,
arithmetic and logic operations.
2.1.3
Static Base Register (SB)
SB is a 24-bit register used for SB-relative addressing.
2.1.4
Frame Base Register (FB)
FB is a 24-bit register used for FB-relative addressing.
2.1.5
User Stack Pointer (USP) and Interrupt Stack Pointer (ISP)
The stack pointers (SP), USP and ISP, are 24 bits wide each. The U flag is used to switch between USP and ISP.
Refer to 2.1.8 Flag Register (FLG) for details on the U flag. Set USP and ISP to even addresses to execute an
interrupt sequence efficiently.
2.1.6
Interrupt Table Register (INTB)
INTB is a 24-bit register indicating the starting address of a relocatable interrupt vector table.
2.1.7
Program Counter (PC)
PC is 24 bits wide and indicates the address of the next instruction to be executed.
2.1.8
Flag Register (FLG)
FLG is a 16-bit register indicating the CPU state.
2.1.8.1
Carry Flag (C)
The C flag indicates whether or not carry or borrow has been generated after executing an instruction.
2.1.8.2
Debug Flag (D)
The D flag is for debugging only. Set it to 0.
2.1.8.3
Zero Flag (Z)
The Z flag becomes 1 when an arithmetic operation results in 0; otherwise becomes 0.
2.1.8.4
Sign Flag (S)
The S flag becomes 1 when an arithmetic operation results in a negative value; otherwise becomes 0.
2.1.8.5
Register Bank Select Flag (B)
Register bank 0 is selected when the B flag is set to 0. Register bank 1 is selected when this flag is set to 1.
2.1.8.6
Overflow Flag (O)
The O flag becomes 1 when an arithmetic operation results in an overflow; otherwise becomes 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com