Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 62Page - Renesas Technology Corp M32C/8B Datasheet HTML 63Page - Renesas Technology Corp M32C/8B Datasheet HTML 64Page - Renesas Technology Corp M32C/8B Datasheet HTML 65Page - Renesas Technology Corp M32C/8B Datasheet HTML 66Page - Renesas Technology Corp M32C/8B Datasheet HTML 67Page - Renesas Technology Corp M32C/8B Datasheet HTML 68Page - Renesas Technology Corp M32C/8B Datasheet HTML 69Page - Renesas Technology Corp M32C/8B Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 406 page
background image
Under development
M32C/8B Group
8. Bus
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 49 of 385
8.2.3
Read/Write Output Signals
When using a 16-bit data bus, the PM02 bit in the PM0 register selects either a combination of the “RD, WR,
and BHE” outputs or the “RD, WRL, and WRH” outputs to determine the read/write output signals. When bits
DS3 to DS0 in the DS register are set to 0 (8-bit external data bus width), set the PM02 bit to 0 (RD/WR/BHE).
When any of bits DS3 to DS0 is set to 1 (16-bit external data bus width) to access an 8-bit space, the
combination of “RD, WR, and BHE” is automatically selected regardless of the PM02 bit setting. Table 8.4 lists
RD, WRL, and WRH outputs. Table 8.5 list RD, WR, and BHE outputs.
The RD, WR, and BHE outputs are selected for the read/write output signals after reset. When changing to
“RD, WRL, and WRH” outputs, set the PM02 bit first to write data to an external memory.
Table 8.4
RD, WRL, and WRH Outputs
NOTE:
1. These become WR output.
Table 8.5
RD, WR, and BHE Outputs
Data Bus Width
RD
WRL
WRH
A0
CPU Processing on External Space
16 bits
L
H
H
Not used
Read data
H
L
H
Not used
Write 1-byte data to even address
H
H
L
Not used
Write 1-byte data to odd address
H
L
L
Not used
Write data to both even and odd addresses
8 bits
H
L(1)
Not used
H/L
Write 1-byte data
LH(1)
Not used
H/L
Read 1-byte data
Data Bus Width
RD
WR
BHE
A0
CPU Processing on External Space
16 bits
H
L
L
H
Write 1-byte data to odd address
L
H
L
H
Read 1-byte data from odd address
H
L
H
L
Write 1-byte data to even address
L
H
H
L
Read 1-byte data from even address
H
L
L
L
Write data to both even and odd addresses
L
H
L
L
Read data from both even and odd addresses
8 bits
H
L
Not used
H/L
Write 1-byte data
L
H
Not used
H/L
Read 1-byte data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com