Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 90Page - Renesas Technology Corp M32C/8B Datasheet HTML 91Page - Renesas Technology Corp M32C/8B Datasheet HTML 92Page - Renesas Technology Corp M32C/8B Datasheet HTML 93Page - Renesas Technology Corp M32C/8B Datasheet HTML 94Page - Renesas Technology Corp M32C/8B Datasheet HTML 95Page - Renesas Technology Corp M32C/8B Datasheet HTML 96Page - Renesas Technology Corp M32C/8B Datasheet HTML 97Page - Renesas Technology Corp M32C/8B Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 406 page
background image
Under development
M32C/8B Group
9. Clock Generation Circuits
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 77 of 385
9.1.3
On-Chip Oscillator Clock
On-chip oscillator generates the 1-MHz on-chip oscillator clock. The on-chip oscillator clock is used as the
clock source for the CPU clock and peripheral function clocks.
The on-chip oscillator clock is stopped after reset. When the CM21 bit in the CM2 register is set to 1 (on-chip
oscillator clock), the on-chip oscillator starts oscillating and becomes the clock source for the CPU clock and
peripheral function clocks in place of the main clock.
Table 9.2 lists on-chip oscillator start conditions.
Table 9.2
On-Chip Oscillator Start Condition
9.1.3.1
Oscillation Stop Detect Function
When the main clock is terminated running by an external factor, the on-chip oscillator automatically starts
oscillating to provide the clock.
When the CM 20 bit in the CM2 register is set to 1 (oscillation stop detect function used), an oscillation stop
detection interrupt request is generated as soon as the main clock is lost. Simultaneously, the on-chip oscillator
starts oscillating. The on-chip oscillator clock takes the place of the main clock as the clock source for the CPU
clock and peripheral function clocks. Associated bits in the CM2 register are changed as follows:
CM21 bit becomes 1 (on-chip oscillator clock becomes the CPU clock)
CM22 bit becomes 1 (loss of main clock stop is detected)
CM23 bit becomes 1 (main clock stops)
The oscillation stop detection interrupt shares the vector with the watchdog timer interrupt and the voltage
monitor interrupt. When these interrupts are used simultaneously, verify the CM22 bit in the interrupt routine to
determine if an oscillation stop detection interrupt request has been generated.
When the main clock resumes its operation after a loss of the main clock is detected, the main clock can be
selected as the clock source for the CPU clock and peripheral function clocks by a program. Figure 9.12 shows
the procedure to switch the clock source from the on-chip oscillator clock to the main clock.
In low-speed mode, when the main clock is lost while the CM20 bit is set to 1, an oscillation stop detection
interrupt request is generated, and the on-chip oscillator starts oscillating. The sub clock remains as the source
for the CPU clock. The on-chip oscillator clock becomes the source for the peripheral function clocks.
When the peripheral function clocks are stopped, the oscillation stop detect function cannot be used. To enter
wait mode while using the oscillation stop detect function, set the CM02 bit in the CM0 register to 0 (peripheral
clocks do not stop in wait mode).
The oscillation stop detect function is a precaution against the unintended termination of the main clock by an
external factor. Set the CM20 bit to 0 (oscillation stop detect function not used) when the main clock is stopped
by a program, i.e., entering stop mode or setting the CM05 bit in the CM0 register to 1 (main clock stops).
When the main clock frequency is 2 MHz or lower, the oscillation stop detect function is not available. In this
case, set the CM20 bit to 0.
CM2 Register
PM2 Register
Applications
CM21
PM22
PM27, PM26
1
0
00b
Clock source for the CPU clock and peripheral function clock
0
1
00b
Count source for the watchdog timer
0
0
10b
Clock source for f2n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com