Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 48Page - Renesas Technology Corp M32C/8B Datasheet HTML 49Page - Renesas Technology Corp M32C/8B Datasheet HTML 50Page - Renesas Technology Corp M32C/8B Datasheet HTML 51Page - Renesas Technology Corp M32C/8B Datasheet HTML 52Page - Renesas Technology Corp M32C/8B Datasheet HTML 53Page - Renesas Technology Corp M32C/8B Datasheet HTML 54Page - Renesas Technology Corp M32C/8B Datasheet HTML 55Page - Renesas Technology Corp M32C/8B Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 406 page
background image
Under development
M32C/8B Group
5. Reset
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 35 of 385
Table 5.1
Pin States while RESET Pin is Held “L”(2)
NOTES:
1. Ports P11 to P15 are provided in the 144-pin package only.
2. The availability of the pull-up resistors is undefined until the internal supply voltage stabilizes.
3. These pin states are defined after the power is turned on and the internal supply voltage stabilizes. Until then,
the pin states are undefined.
4. EPM (P5_5) must be “H” in the flash memory version.
5.2
Software Reset
When the PM03 bit in the PM0 register is set to 1 (MCU is reset), the MCU resets the CPU, SFRs, ports, and I/O
pins for peripheral functions. And then the MCU executes a program in an address indicated by the reset vector.
Set the PM03 bit to 1 while the main clock is selected as the clock source for the CPU clock and the main clock
oscillation is stable.
The software reset does not reset the following SFRs; bits PM01 and PM00 in the PM0 register, and the TCSPR
register.
Processor mode remains unchanged since bits PM01 and PM00 are not reset.
5.3
Watchdog Timer Reset
When the CM06 bit in the CM0 register is set to 1 (reset) and the watchdog timer underflows, the MCU resets the
CPU, SFRs, ports, and I/O pins for peripheral functions. And then the MCU executes a program in an address
indicated by the reset vector.
The watchdog timer reset does not reset the following SFRs; bits PM01 and PM00 in the PM0 register, and the
TCSPR register.
Processor mode remains unchanged since bits PM01 and PM00 are not reset.
Pin Name
Single-Chip Mode
Microprocessor Mode
CNVSS = “L”
CNVSS = “H”(4)
BYTE = “L”
BYTE = “H”
P0
Input port (high-impedance)
Data input (high-impedance)
P1
Input port (high-impedance)
Data input (high-impedance)
Input port (high-impedance)
P2 to P4
Input port (high-impedance)
Address output (undefined)
P5_0
Input port (high-impedance)
WR signal output (“H”)(3)
P5_1
Input port (high-impedance)
BHE signal output (undefined)
P5_2
Input port (high-impedance)
RD signal output (“H”)(3)
P5_3
Input port (high-impedance)
BCLK output(3)
P5_4
Input port (high-impedance)
HLDA signal output (output level depends on an input level to
the HOLD pin)(3)
P5_5
Input port (high-impedance)
HOLD signal input (high-impedance)
P5_6
Input port (high-impedance)
“H” signal output(3)
P5_7
Input port (high-impedance)
RDY signal input (high-impedance)
P6 to P15(1)
Input port (high-impedance)
Input port (high-impedance)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com