Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 72Page - Renesas Technology Corp M32C/8B Datasheet HTML 73Page - Renesas Technology Corp M32C/8B Datasheet HTML 74Page - Renesas Technology Corp M32C/8B Datasheet HTML 75Page - Renesas Technology Corp M32C/8B Datasheet HTML 76Page - Renesas Technology Corp M32C/8B Datasheet HTML 77Page - Renesas Technology Corp M32C/8B Datasheet HTML 78Page - Renesas Technology Corp M32C/8B Datasheet HTML 79Page - Renesas Technology Corp M32C/8B Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 406 page
background image
Under development
M32C/8B Group
8. Bus
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 59 of 385
Figure 8.11
RD Output Signal Extended by RDY Input
8.2.7
HOLD Input
The HOLD input signal is used to transfer ownership of the bus from the CPU to external devices. When a low-
level (“L”) signal is applied to the HOLD pin, the MCU enters a hold state after the bus access in progress is
completed. While the HOLD pin is held “L”, the MCU remains in a hold state and the HLDA pin outputs an
“L” signal. Table 8.8 lists the MCU states in hold state.
Bus is used in the following priority order: HOLD, DMAC, CPU.
Table 8.8
MCU States in Hold State
NOTE:
1. When the PM22 bit in the PM2 register is set to 1 (selects the on-chip oscillator clock as count source for the
watchdog timer), watchdog timer does not stop.
Item
State
Clock generation circuits
Operating (oscillating)
CPU
Stopped
Internal peripheral circuits
Operating
(Watchdog timer is stopped)(1)
RD, WR, A0 to A22, A23, D0 to D15, CS0 to CS3, BHE
High-impedance
HLDA
Outputs “L”
ALE
Outputs “L”
Programmable I/O ports
Maintains the same state as when “L” is input to HOLD pin.
- Separate bus (bus cycle is 1 φ + 2 φ)
BCLK
RD
CSi(1)
RDY
Timing to input RDY signal
- Multiplexed bus (bus cycle is 2 φ + 2 φ)
BCLK
RD
CSi(1)
RDY
tsu(RDY-BCLK)
Timing to input RDY signal
NOTE:
1. Chip-select output (CSi) may be extended depending on the CPU state such as the instruction queue buffer.
tsu(RDY-BCLK): RDY input setup time
: Wait states inserted by RDY input
i = 0 to 3
tsu(RDY-BCLK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com