Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 74Page - Renesas Technology Corp M32C/8B Datasheet HTML 75Page - Renesas Technology Corp M32C/8B Datasheet HTML 76Page - Renesas Technology Corp M32C/8B Datasheet HTML 77Page - Renesas Technology Corp M32C/8B Datasheet HTML 78Page - Renesas Technology Corp M32C/8B Datasheet HTML 79Page - Renesas Technology Corp M32C/8B Datasheet HTML 80Page - Renesas Technology Corp M32C/8B Datasheet HTML 81Page - Renesas Technology Corp M32C/8B Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 406 page
background image
Under development
M32C/8B Group
8. Bus
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 61 of 385
8.3
Page Mode Control Function
The page mode control function allows high-speed read access to the external memory compatible with the page
mode control. While the MCU accesses data within the eight-byte block of consecutive addresses which have the
same 21 high-order bits, less cycles are taken for the subsequent bus read accesses to a maximum of seven-byte
addresses than the first bus access.
The EWCRi register (i = 0 to 3) determines how many wait states are inserted for the first bus access. Registers
PWCR0 and PWCR1 determine how many wait states are inserted for the subsequent bus accesses. Use the
following procedure to enable the page mode control.
(1) Set bits EWCRi4 to EWCRi0 in the EWCRi register.
(2) Set bits PWCRj02 to PWCRj00 and bits PWCRj06 to PWCRj04 in the PWCRj register (j = 0, 1).
(3) Set bits PWCRj03 and PWCRj07 to 1 (page mode control enabled).
When using the page mode control function, access all the external spaces using page mode control. It is not
allowed to combine the page mode controlled access and the normal access to external spaces.
Set bits PM05 and PM04 to 00b (multiplexed bus is not used). The page mode control function and multiplexed bus
cannot be used at the same time.
Figure 8.12 and 8.13 show registers PWCR0 and PWCR1. Figure 8.14 shows a diagram of external bus timing with
page mode function.
The page mode control function is available only in the ROMless version.
NOTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com