Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 77Page - Renesas Technology Corp M32C/8B Datasheet HTML 78Page - Renesas Technology Corp M32C/8B Datasheet HTML 79Page - Renesas Technology Corp M32C/8B Datasheet HTML 80Page - Renesas Technology Corp M32C/8B Datasheet HTML 81Page - Renesas Technology Corp M32C/8B Datasheet HTML 82Page - Renesas Technology Corp M32C/8B Datasheet HTML 83Page - Renesas Technology Corp M32C/8B Datasheet HTML 84Page - Renesas Technology Corp M32C/8B Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 406 page
background image
Under development
M32C/8B Group
8. Bus
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 64 of 385
Figure 8.14
External Bus Timing with Page Mode Control Function
FFF00Ch
FFF008h
FFF001h
FFF000h
3 φ + 3 φ
CS0 (CE)
1 φ + 2 φ
BCLK
Address
Data
RD (OE)
FFF002h
1 φ + 2 φ
FFF007h
1 φ + 2 φ
FFF008h
3 φ + 3 φ
FFF009h
1 φ + 2 φ
The maximum of seven bytes of consective addresses can be read in the page mode control (The total of eight bytes
adding the first bus access). If the MCU accesses data in other than the eight-byte block of consecutive addresses, the
page mode controlled access is started over from the first bus access.
Set using bits PWCR106 to PWCR104
Set using bits EWCR34 to EWCR30
The above applies under the following conditions:
- Bits PM11 and PM10 in the PM1 register are set to 11b (mode 3).
- The DS3 bit in the DS regiter is set to 0 (8 bits wide).
- Bits EWCR34 to EWCR30 in the EWCR3 register are set to 10011b (3 φ + 3 φ).
- The EWCR36 bit is set to 0 (add no recovery cycle when accessing external space 3).
- Bits PWCR106 to PWCR104 are set to 010b (1 φ + 2 φ).
- The PWCR107 bit is set to 1 (page mode control enabled).
FFF002h
FFF000h
3 φ + 3 φ
CS0 (CE)
1 φ + 2 φ
BCLK
Address
Data
RD (OE)
FFF004h
1 φ + 2 φ
FFF006h
3 φ + 3 φ
FFF00Ah
1 φ + 2 φ
The above applies under the following conditions:
- Bits PM11 and PM10 in the PM1 register are set to 11b (mode 3).
- The DS3 bit in the DS regiter is set to 1 (16 bits wide).
- Bits EWCR34 to EWCR30 in the EWCR3 register are set to 10011b (3 φ + 3 φ).
- The EWCR36 bit is set to 0 (add no recovery cycle when accessing external space 3).
- Bits PWCR106 to PWCR104 are set to 010b (1 φ + 2 φ).
- The PWCR107 bit is set to 1 (page mode control enabled).
1 φ + 2 φ
1 φ + 2 φ
Set using bits PWCR106 to PWCR104
Set using bits EWCR34 to EWCR30
8-bit data bus width
16-bit data bus width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com