Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 53Page - Renesas Technology Corp M32C/8B Datasheet HTML 54Page - Renesas Technology Corp M32C/8B Datasheet HTML 55Page - Renesas Technology Corp M32C/8B Datasheet HTML 56Page - Renesas Technology Corp M32C/8B Datasheet HTML 57Page - Renesas Technology Corp M32C/8B Datasheet HTML 58Page - Renesas Technology Corp M32C/8B Datasheet HTML 59Page - Renesas Technology Corp M32C/8B Datasheet HTML 60Page - Renesas Technology Corp M32C/8B Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 406 page
background image
Under development
M32C/8B Group
7. Processor Mode
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 40 of 385
7.
Processor Mode
7.1
Processor Mode
Single-chip mode, memory expansion mode, microprocessor mode, or boot mode can be selected as the processor
mode. Table 7.1 lists the features of the processor mode.
Table 7.1
Processor Mode Features
NOTES:
1. Refer to 8. Bus for details.
2. Refer to 25. Flash Memory for details.
7.2
Setting of Processor Mode
The CNVSS pin, EPM(P5_5) pin, and bits PM01 and PM00 in the PM0 register determine which processor mode
to select. Table 7.2 lists processor mode after hardware reset. Table 7.3 lists the processor mode selected by bits
PM01 and PM00.
Table 7.2
Processor Mode after Hardware Reset
NOTE:
1. P5_5 functions as the HOLD pin after reset.
Table 7.3
PM01 and PM00 Bits Setting and Processor Mode
Rewriting bits PM01 and PM00 in the PM0 register places the MCU in the corresponding processor mode
regardless of the CNVSS input level. When using memory expansion mode or microprocessor mode, first set bits
PM02, PM05 and PM04, and PM07 in the PM0 register, and also set bits PM11 and PM10, PM15 and PM14 in the
PM1 register. Then, set bits PM01 and PM00.
Do not enter microprocessor mode while the CPU is executing the program in the internal ROM.
Do not enter single-chip mode from microprocessor mode while the CPU is executing the program in an external
space.
The internal ROM cannot be accessed regardless of the PM01 and PM00 bits setting if the MCU starts up in
microprocessor mode after reset.
Figures 7.1 and 7.2 show the PM0 register and PM1 register. Figure 7.3 shows a memory map in each processor
mode.
Processor Mode
Accessible Space
Pins assigned to I/O Port
Single-chip mode
SFR, internal RAM, internal ROM (user
ROM area)
Used as I/O ports or I/O pins for peripheral
functions
Memory expansion mode(1) SFR, internal RAM, internal ROM (user
ROM area), external space
P0 to P5 become bus control pins
Microprocessor mode(1)
SFR, internal RAM, external space
P0 to P5 become bus control pins
Boot mode(2)
SFR, internal RAM, internal ROM (boot
ROM area)
Used as I/O ports or I/O pins for peripheral
functions
Input to mode entry pins
Chip Type
Processor Mode
CNVSS pin
EPM(P5_5)
L
H or L
Flash memory version
Single-chip mode
HH(1)
Flash memory version,
ROMless version
Microprocessor mode
H
L
Flash memory version
Boot mode
Bits PM01 and PM00
Processor Mode
00b
Single-chip mode
01b
Memory expansion mode
11b
Microprocessor mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com