Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 103Page - Renesas Technology Corp M32C/8B Datasheet HTML 104Page - Renesas Technology Corp M32C/8B Datasheet HTML 105Page - Renesas Technology Corp M32C/8B Datasheet HTML 106Page - Renesas Technology Corp M32C/8B Datasheet HTML 107Page - Renesas Technology Corp M32C/8B Datasheet HTML 108Page - Renesas Technology Corp M32C/8B Datasheet HTML 109Page - Renesas Technology Corp M32C/8B Datasheet HTML 110Page - Renesas Technology Corp M32C/8B Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 406 page
background image
Under development
M32C/8B Group
9. Clock Generation Circuits
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 90 of 385
Table 9.8
Interrupts to Exit Wait Mode and Usage Conditions
9.5.3
Stop Mode
In stop mode, all clocks are stopped. Since the CPU clock and peripheral function clocks are stopped, the CPU
and the peripheral functions which are operated by these clocks stop their operation. The least power is required
to operate the MCU in stop mode. Enter stop mode from main clock mode.
9.5.3.1
Entering Stop Mode
Stop mode is entered by setting the CM10 bit in the CM1 register to 1 (all clocks stop) while the NMI pin is
held “H”. Also, bits MCD4 to MCD0 in the MCD register become 01000b (divide-by-8 mode) by setting the
CM10 bit to 1. To enter stop mode, the MRS bit in the VRCR register is set to 0 (main voltage regulator
operates).
Figure 9.18 shows a procedure to enter stop mode.
When entering stop mode, the instructions following CM10 = 1 instruction are stored into the instruction queue,
and the program stops. When stop mode is exited, the instruction lined in the queue is executed before the exit
interrupt routine is handled.
Insert the jmp.b instruction as follows after the instruction to set the CM10 bit to 1.
fset I
; I flag is set to 1
bset 0, cm1
; all clocks stopped (stop mode)
jmp.b LABEL_001
; jmp.b instruction executed (no instruction between jmp.b and LABEL.)
LABEL_001:
nop
; nop(1)
nop
; nop(2)
nop
; nop(3)
nop
; nop(4)
mov.b #0, prcr
; protection set
.
.
.
Interrupt
When CM02 = 0
When CM02 = 1
NMI interrupt
Available
Available
Voltage monitor interrupt
Available
Available
Serial interface interrupt
Available when the source clock is the
internal clock or external clock.
Available when the source clock is the
external clock or f2n (when fXIND or on-
chip oscillator clock is selected).
Key input interrupt
Available
Available
A/D conversion interrupt
Available in one-shot mode or single-
sweep mode
Not available
Timer A interrupt
Timer B interrupt
Available in all modes
Available in event counter mode or when
the count source is fC32 or f2n (when
fXIND or on-chip oscillator clock is
selected)
INT interrupt
Available
Available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com