Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 101Page - Renesas Technology Corp M32C/8B Datasheet HTML 102Page - Renesas Technology Corp M32C/8B Datasheet HTML 103Page - Renesas Technology Corp M32C/8B Datasheet HTML 104Page - Renesas Technology Corp M32C/8B Datasheet HTML 105Page - Renesas Technology Corp M32C/8B Datasheet HTML 106Page - Renesas Technology Corp M32C/8B Datasheet HTML 107Page - Renesas Technology Corp M32C/8B Datasheet HTML 108Page - Renesas Technology Corp M32C/8B Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 406 page
background image
Under development
M32C/8B Group
9. Clock Generation Circuits
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 88 of 385
Figure 9.17
Procedure to Enter Wait Mode
Set an interrupt priority level of each interrupt
RLVL register: bits RLVL2 to RLVL0 = 7
Set the interrupt priority level (ILVL2 to ILVL0) of
the interrupt used to exit wait mode
I flag = 0
(1) Initial setting
Set the interrupt priority level of the interrupts,
which are not used to exit wait mode, to 0
FLG register: set IPL
Bits RLVL2 to RLVL0 = the same level as IPL
Select the operating mode from the following:
-main clock mode
-low-speed mode
-low-power consumption mode
-on-chip oscillator mode
-on-chip oscillator low-power consumption mode
I flag = 1
Execute the WAIT instruction
(Note 1)
(2) Before entering wait mode
Wait mode
RLVL register: bits RLVL2 to RLVL0 = 7
(3) After exiting wait mode
NOTE:
1. Insert at least 4 NOP's after WAIT instruction.
Start
End
Set the wait/stop mode exit interrupt priority level to 7.
Interrupt disabled
Set the processor interrupt priority level (IPL)*
Set the exit interrupt priority level (RLVL2 to RLVL0)*
Interrupt enabled
Set the exit priority level as soon as exiting wait mode
To further reduce power consumption, use the
following procedure in low-power consumption mode
before entering wait mode
-Stops all clock oscillations except sub clock
-Set the flash memory to low-speed access
-Stops main voltage regulator
(Refer to Figure
Procedure to Enter Low-Power
Consumption Mode From Main Clock Mode)
(ILVL2 to ILVL0) > IPL* = (RLVL2 to RLVL0)*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com