Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 336 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 332Page - Renesas Technology Corp M32C/8B Datasheet HTML 333Page - Renesas Technology Corp M32C/8B Datasheet HTML 334Page - Renesas Technology Corp M32C/8B Datasheet HTML 335Page - Renesas Technology Corp M32C/8B Datasheet HTML 336Page - Renesas Technology Corp M32C/8B Datasheet HTML 337Page - Renesas Technology Corp M32C/8B Datasheet HTML 338Page - Renesas Technology Corp M32C/8B Datasheet HTML 339Page - Renesas Technology Corp M32C/8B Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 406 page
background image
Under development
M32C/8B Group
23. Flash Memory
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 319 of 385
Table 23.7
Error Types and Occurrence Conditions
NOTES:
1. The flash memory enters read array mode when the command code xxFFh is written in the second bus cycle of
these commands. At the same time, the command code written in the first bus cycle is ignored.
2. When the FMR02 bit in the FMR0 register is set to 1 (lock bit disabled), no error occurs under these conditions.
FMR0 Register
(Status Register) values
Error
Error Occurrence Condition
FMR07
(SR5)
FMR06
(SR4)
11
Command sequence
error
• When a command is written incorrectly
• When invalid data (data other than xxD0h or xxFFh) is
written in the second bus cycle of the lock bit program
command, block erase command, read lock bit status
command, or protect bit program command(1)
1
0
Erase error
• When the block erase command is executed to a
locked block(2)
• When the block erase command is executed to an
unlocked block, but the erase operation is not
completed successfully
0
1
Program error
• When the program command is executed to a locked
block(2)
• When the program command is executed to an
unlocked block, but the program operation is not
completed successfully
• The lock bit program command is executed, but the
program operation is not completed successfully
• The protect bit program command is executed, but the
program operation is not completed successfully



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com