Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 383 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 383 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 379Page - Renesas Technology Corp M32C/8B Datasheet HTML 380Page - Renesas Technology Corp M32C/8B Datasheet HTML 381Page - Renesas Technology Corp M32C/8B Datasheet HTML 382Page - Renesas Technology Corp M32C/8B Datasheet HTML 383Page - Renesas Technology Corp M32C/8B Datasheet HTML 384Page - Renesas Technology Corp M32C/8B Datasheet HTML 385Page - Renesas Technology Corp M32C/8B Datasheet HTML 386Page - Renesas Technology Corp M32C/8B Datasheet HTML 387Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 406 page
background image
Under development
M32C/8B Group
25. Usage Notes
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 366 of 385
25.5.4.2
Stop Mode
• The MCU cannot enter stop mode if a low-level (“L”) signal is applied to the NMI pin. Apply an “H” signal
to enter stop mode.
• To exit stop mode by reset, apply an “L” signal to RESET pin until a main clock oscillation stabilizes.
• If using the NMI interrupt to exit stop mode, use the following procedure to set the CM10 bit in the CM1
register to 1 (all clocks stopped).
(Technical update: TN-16C-127A/EA)
(1) Exit stop mode using the NMI interrupt.
(2) Generate a dummy interrupt.
(3) Set the CM10 bit to 1 (all clocks stopped).
e.g.,
int
#63
; dummy interrupt
bset
CM1
; all clocks stopped
/*dummy interrupt routine*/
dummy
reit
• When entering stop mode, the instructions following CM10 = 1 instruction are stored into the instruction
queue, and the program stops. When stop mode is exited, the instruction lined in the queue is executed
before the exit interrupt routine is handled. Insert a jmp.b instruction as follows after the instruction to set
the CM10 bit to 1.
(Technical update: TN-16C-124A/EA)
fset I
; I flag is set to 1
bset 0, cm1
; all clocks stopped (stop mode)
jmp.b LABEL_001
; jmp.b instruction executed (no instruction between jmp.b and LABEL.)
LABEL_001:
nop
; nop(1)
nop
; nop(2)
nop
; nop(3)
nop
; nop(4)
mov.b #0, prcr
; protection set
.
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com