Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 208 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 204Page - Renesas Technology Corp M32C/8B Datasheet HTML 205Page - Renesas Technology Corp M32C/8B Datasheet HTML 206Page - Renesas Technology Corp M32C/8B Datasheet HTML 207Page - Renesas Technology Corp M32C/8B Datasheet HTML 208Page - Renesas Technology Corp M32C/8B Datasheet HTML 209Page - Renesas Technology Corp M32C/8B Datasheet HTML 210Page - Renesas Technology Corp M32C/8B Datasheet HTML 211Page - Renesas Technology Corp M32C/8B Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 406 page
background image
Under development
M32C/8B Group
16. Three-Phase Motor Control Timer Function
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 191 of 385
Figure 16.12
Triangular Wave Modulation Operation (Three-Phase Mode 1)(INV01 and INV00 = 10b)
Dead time
DUB0 = 0
a
1
b
1
Triangular Waveform as a Carrier Wave (Three-phase mode 1: INV01 and INV00 = 10b)
Carrier wave
TB2S bit in the
TABSR register
Signal wave
Timer B2
Timer A4 start trigger signal(1)
TA4 register
Reload register(1)
b
2
a
2
b
3
a
3
b
4
a
4
Timer A4 one-shot pulse(1)
INV14 bit in
INVC1 register = 0
(Active Low)
Dead time
Values are transferred to the three-phase output shift register from registers IDB0 and IDB1
Rewrite registers IDB0 and IDB1
Upper arm (U-phase)
output signal(1)
Lower arm (U-phase)
output signal(1)
U-phase
U-phase
INV14 bit in
INVC1 register = 1
(Active High)
U-phase
U-phase
IR bit in the TB2IC register
b
1
a
1
b
2
a
2
b
3
a
3
b
4
a
4
DU0 = 1
DU1 = 0
DUB1 = 1
DUB1 = 0
DUB0 = 0
DU0 = 1
DU1 = 1
Set to 0 by an interrupt request acknowledgement or by a program
INV13 bit in the INVC1 register
TA41 register
b
5
NOTE:
1. Internal signals. See Three-Phase Motor Control Timer Function Block Diagram.
The above applies under the following conditions:
- INVC0 register: Bits INV01 and INV00 = 10b (ICTB2 counter is incremented by 1 at the rising edge of the timer A1 reload control signal)
INV02 bit = 1 (Three-phase motor control timer function used)
INV03 bit = 1 (Three-phase motor control timer output enabled)
INV06 bit = 0 (Triangular wave modulation mode)
- INVC1 register: INV10 bit = 0 (Timer B2 underflow)
INV11 bit = 1 (Timer A11, A21, A41 used (Three-phase mode 1))
INV15 bit = 0 (Dead time enabled)
INV16 bit = 1 (Rising edge of the three-phase output shift register (U-, V-, W-phase))
- ICTB2 register = 01h (First timer B2 interrupt occurs when timer B2 underflows for the first time, and the subsequent
        interrupts occur every second timer B2 underflow.)
The following shows examples to change PWM output levels.
- Default value of the timer: TA41 = b
1, TA4 = a1 (Registers TA4 and TA41 are rewritten every time the timer B2 interrupt occurs.)
   First time TA41 = b
2, TA4 = a2, second time TA41 = b3, TA4 = a3
- Default value of the registers IDB0 and IDB1: DU0 = 1, DUB0 = 0, DU1 = 0, and DUB1 = 1
   They are changed to DU0 = 1, DUB0 = 0, DU1 = 1, and DUB1 = 0 at the third timer B2 interrupt.
a
1
a
2
a
3
a
4
a
5
b
1
b
2
b
3
b
4
b
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com