Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 341 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 341 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 337Page - Renesas Technology Corp 7643 Datasheet HTML 338Page - Renesas Technology Corp 7643 Datasheet HTML 339Page - Renesas Technology Corp 7643 Datasheet HTML 340Page - Renesas Technology Corp 7643 Datasheet HTML 341Page - Renesas Technology Corp 7643 Datasheet HTML 342Page - Renesas Technology Corp 7643 Datasheet HTML 343Page - Renesas Technology Corp 7643 Datasheet HTML 344Page - Renesas Technology Corp 7643 Datasheet HTML 345Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 18 of 98
7643 Group
REJ09B0133-0200
APPENDIX
3.2 Standard characteristics
3.2 Standard characteristics
Standard characteristics described below are just examples of the 7643 Group’s characteristics and are
not guaranteed. For rated values, refer to “3.1 Electrical characteristics”.
3.2.1 Power source current standard characteristics
Figure 3.2.1 shows power source current standard characteristics.
Fig. 3.2.1 Power source current standard characteristics (Ta = 25 °C)
Measuring conditions: Ta = 25 °C, Normal mode,
φ = f(XIN)/2, USB operating,
frequency synthesizer circuit connecting
0
5
10
15
20
25
30
35
40
45
50
55
60
0
3
6
9
12151821
242730
Xin(MHz)
Vcc = 5.25 V
Vcc = 5.0 V
Vcc = 4.15 V
Vcc = 3.6 V
Vcc = 3.0 V
Vcc = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com