Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 345 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 345 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 341Page - Renesas Technology Corp 7643 Datasheet HTML 342Page - Renesas Technology Corp 7643 Datasheet HTML 343Page - Renesas Technology Corp 7643 Datasheet HTML 344Page - Renesas Technology Corp 7643 Datasheet HTML 345Page - Renesas Technology Corp 7643 Datasheet HTML 346Page - Renesas Technology Corp 7643 Datasheet HTML 347Page - Renesas Technology Corp 7643 Datasheet HTML 348Page - Renesas Technology Corp 7643 Datasheet HTML 349Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 424 page
background image
7643 Group
REJ09B0133-0200
APPENDIX
3.3 Notes on use
Rev.2.00
Aug 28, 2006
page 22 of 98
3.3 Notes on use
3.3.1 Notes on interrupts
(1) When setting external interrupt active edge
When setting the external interrupt active edge (INT0, INT1), the interrupt request bit may be set
to “1”. When not requiring the interrupt occurrence synchronized with these setting, take the
following sequence.
•Interrupt polarity select register (address 001116)
Set the above listed registers or bits as the following sequence.
Fig. 3.3.1 Sequence of setting external interrupt active edge
Set the corresponding interrupt enable bit to “0”
(disabled) .
↓
Set the interrupt edge select bit
(active edge switch bit) to “1”.
↓
NOP (one or more instructions)
↓
Set the corresponding interrupt request bit to “0”
(no interrupt request issued).
↓
Set the corresponding interrupt enable bit to “1”
(enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com