Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 346 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 346 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 342Page - Renesas Technology Corp 7643 Datasheet HTML 343Page - Renesas Technology Corp 7643 Datasheet HTML 344Page - Renesas Technology Corp 7643 Datasheet HTML 345Page - Renesas Technology Corp 7643 Datasheet HTML 346Page - Renesas Technology Corp 7643 Datasheet HTML 347Page - Renesas Technology Corp 7643 Datasheet HTML 348Page - Renesas Technology Corp 7643 Datasheet HTML 349Page - Renesas Technology Corp 7643 Datasheet HTML 350Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 424 page
background image
7643 Group
REJ09B0133-0200
APPENDIX
3.3 Notes on use
Rev.2.00
Aug 28, 2006
page 23 of 98
3.3.2 Notes on serial I/O
(1) Clock
When the external clock (SCLK pin input) is selected as the transfer clock, its transfer clock needs
to be controlled by the external source because the serial I/O shift register will keep being shifted
while transfer clock is input even after transfer completion.
(2) Reception
When the external clock (SCLK pin input) is selected as the transfer clock for reception, the
receiving operation will start owing to the shift clock input even if write operation to the serial I/
O shift register (SIOSHT) is not performed. The serial I/O interrupt request also occurs at completion
of receiving. However, we recommend to write dummy data in the serial I/O shift register. Because
this will cause followings and improve transfer reliability.
•Write to SIOSHT puts the SRDY pin to “L”. This enables shift clock output of an external device.
•Write to SIOSHT clears the internal serial I/O counter.
Note: Do not read the serial I/O shift register which is shifting. Because this will cause incorrect-
data read.
(3) STXD output
•When the internal synchronous clock is selected as the transfer clock, the STXD pin goes a high-
impedance state after transfer completion.
•When the external clock (SCLK pin input) is selected as the transfer clock, the STXD pin does
not go a high-impedance state after transfer completion.
(4) SPI compatible mode
•When using the SPI compatible mode, set the SRDY select bit to “1” (SRDY signal output).
•When the external clock is selected in SPI compatible mode, the SRXD pin functions as a data
output pin and the STXD pin functions as a data input pin.
•Do not write to the serial I/O shift register (SIOSHT) during a transfer as slave when in SPI
compatible mode.
•Master operation of SPI compatible mode requires the timings:
-From write operation to the SIOSHT to SRDY pin put to “L”
Requires 2 cycles of internal clock
φ + 2 cycles of serial I/O synchronous clock + 35 ns
-From SRDY pin put to “L” to SCLK switch
Requires 35 ns
-From the last pulse of SCLK to SRDY pin put to “H”
Requires 35 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com