Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 350 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 350 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 346Page - Renesas Technology Corp 7643 Datasheet HTML 347Page - Renesas Technology Corp 7643 Datasheet HTML 348Page - Renesas Technology Corp 7643 Datasheet HTML 349Page - Renesas Technology Corp 7643 Datasheet HTML 350Page - Renesas Technology Corp 7643 Datasheet HTML 351Page - Renesas Technology Corp 7643 Datasheet HTML 352Page - Renesas Technology Corp 7643 Datasheet HTML 353Page - Renesas Technology Corp 7643 Datasheet HTML 354Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 424 page
background image
7643 Group
REJ09B0133-0200
APPENDIX
3.3 Notes on use
Rev.2.00
Aug 28, 2006
page 27 of 98
3.3.5 Notes on USB
(1) USB reception
•When the OUT FIFO contains 2-data packets in the endpoints 1 to 2 used, one-data packet will
still remain in the OUT FIFO even after the data of the OUT max. packet size has been read.
In this case the OUT_PKT_RDY flag is not cleared even if it is set to “0”. (The flag returns from
“0” to “1” 83 ns later (Vcc = 5 V, f(XIN) = 24 MHz) than the clearing.)
•Read one packet data from the OUT FIFO before clearing the OUT_PKT_RDY flag. If the
OUT_PKT_RDY flag is cleared while one-data packet is being read, the internal read pointer
cannot operate normally.
(2) USB transmission
•The IN FIFO status can be checked by monitoring the IN_PKT_RDY bit and the TX_NOT_EPT
flag.
•When NULL packet transmission is required in the endpoints 1 to 2 used, perform it under the
conditions of the IN_PKT_RDY bit set to “1” and no data in FIFO.
(3) External circuit
•Connect a capacitor between the Ext. Cap. pin and the Vss pin. The capacitor should have a 2.2
µF capacitor (Tantalum capacitor) and a 0.1 µF capacitor (ceramic capacitor) connected in parallel.
Additionally, connect a 1.5 k
Ω (± 5 %) resistor between the Ext. Cap. pin and the D+ pin.
•The Full-Speed USB 2.0 requires a driver -impedance 28 to 44
Ω. (Refer to Clause 7.1.1.1 Full-
speed (12 Mb/s) Driver Characteristics in the USB specification.) In order to meet the USB
specification impedance requirements, connect a resistor (27 to 33
Ω recommended) in series to
the USB D+ pin and the USB D- pin.
In addition, in order to reduce the ringing and control the falling/rising timing of USB D+/D- and
a crossover point, connect a capacitor between the USB D+/D- pins and the Vss pin if necessary.
The values and structure of those peripheral elements depend on the impedance characteristics
and the layout of the printed circuit board. Accordingly, evaluate your system and observe waveforms
before actual use and decide use of elements and the values of resistors and capacitors.
Figure 3.3.2 shows the circuit example for the proper positions of the peripheral components.
•In Vcc = 3.3 V operation, connect the Ext. Cap. pin directly to the Vcc pin in order to supply
power to the USB transceiver. In addition, you will need to disable the DC-DC converter in this
operation (set bit 4 of the USB control register to “0”.) If you are using the bus powered supply
in Vcc = 3.3 V operation, the DC-DC converter must be placed outside the MCU.
•In Vcc = 5 V operation, do not connect the external DC-DC converter to the Ext. Cap. pin. Use
the built-in DC-DC converter by enabling the USB line driver.
•Make sure the USB D+/D- lines do not cross any other wires. Keep a large GND area to protect
the USB lines. Also, make sure you use a USB specification compliant connecter for the connection.
•All passive components must be located as close as possible to the LPF pin. Figure. 3.3.3 shows
the passive components near LPF pin
•An insulation connector (Ferrite Beads) must be connected between AVss and Vss pins and
between AVcc and Vcc pins. (See Figure 3.3.4.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com