Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 354 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 354 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 350Page - Renesas Technology Corp 7643 Datasheet HTML 351Page - Renesas Technology Corp 7643 Datasheet HTML 352Page - Renesas Technology Corp 7643 Datasheet HTML 353Page - Renesas Technology Corp 7643 Datasheet HTML 354Page - Renesas Technology Corp 7643 Datasheet HTML 355Page - Renesas Technology Corp 7643 Datasheet HTML 356Page - Renesas Technology Corp 7643 Datasheet HTML 357Page - Renesas Technology Corp 7643 Datasheet HTML 358Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 424 page
background image
7643 Group
REJ09B0133-0200
APPENDIX
3.3 Notes on use
Rev.2.00
Aug 28, 2006
page 31 of 98
3.3.6 Notes on frequency synthesizer
•Bits 6 and 5 of the frequency synthesizer control register (address 006C16) are initialized to (b6, b5)
= “11” after reset release. Make sure to set bits 6 and 5 to “10” after the frequency synthesizer lock
status bit goes to “1”.
•Use the frequency synthesizer output clocks 2 ms to 5 ms later than setting the frequency synthesizer
enable bit to “1” (enabled). After that do not change any register values because it might cause output
clocks unstabilized temporarily.
•Make sure to connect a low-pulse filter to the LPF pin when using the frequency synthesizer.
•The frequency synthesizer divide register set value never affects fUSB frequency.
•When using the fSYN as an internal system clock, set the frequency synthesizer divide register so that
fSYN could be 24 MHz or less.
•When using the frequency synthesized clock function, we recommend using the fastest frequency
possible of f(XIN) or f(XCIN) as an input clock for the PLL.
•Set the value of frequency synthesizer multiply register 2 (FSM2) so that the fPIN is 1 MHZ or higher.
3.3.7 Notes on external devices connection
(1) Rewrite port P3 latch
In both memory expansion mode and microprocessor mode, ports P31 and P32 can be used as
output ports. We recommend to use the LDM instruction or STA instruction to write to port P3
register (address 000E16). If using the Read-Modify-Write instruction (SEB instruction, CLB instruction)
you will need to map a memory that the CPU can read from and write to.
[Reason]
The access to address 000E16 is performed:
•Read from external memory
•Write to both port P3 latch and external memory.
It is because address 000E16 is assigned on an external area In the memory expansion mode and
microprocessor mode.
Accordingly, if a Read-Modify-Write instruction is executed to address 000E16, the external memory
contents is read out and after its modification it will be written into both port P3 latch and an
external memory. As a result, if an external memory is not allocated in address 000E16 then, the
MCU will read an undefined value and write its modified value into the port P3 latch. Therefore
port P3 latch value will become undefined.
(2) overlap of internal and external memories
In the memory expansion mode, if the internal and external memory areas overlap, the internal
memory becomes the valid memory for the overlapping area. When the CPU performs a read or
a write operation on this overlapped area, the following things happen:
•Read
The CPU reads out the data in the internal memory instead of in the external memory. Note that,
since the CPU will output a proper read signal, address signal, etc., the memory data at the
respective address will appear on the external data bus.
•Write
The CPU writes data to both the internal and external memories.
_____
______
(3) RD, WR pins
In the memory expansion mode or microprocessor mode, a read-out control signal is output from
______
______
the RD pin (P36), and a write-in control signal is output from the WR pin (P37). “L” level is output
______
______
from the RD pin at CPU read-out and from the WR pin at CPU write-in. These signals function
for internal access and external access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com