Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 356 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 356 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 352Page - Renesas Technology Corp 7643 Datasheet HTML 353Page - Renesas Technology Corp 7643 Datasheet HTML 354Page - Renesas Technology Corp 7643 Datasheet HTML 355Page - Renesas Technology Corp 7643 Datasheet HTML 356Page - Renesas Technology Corp 7643 Datasheet HTML 357Page - Renesas Technology Corp 7643 Datasheet HTML 358Page - Renesas Technology Corp 7643 Datasheet HTML 359Page - Renesas Technology Corp 7643 Datasheet HTML 360Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 424 page
background image
7643 Group
REJ09B0133-0200
APPENDIX
3.3 Notes on use
Rev.2.00
Aug 28, 2006
page 33 of 98
3.3.8 Notes on timer
(1) Read/Write for timer
•The timer division ratio is : 1 / (n + 1)
(n = “0” to “255” written into the timer)
•When the value is loaded only in the latch, the value is loaded in the timer at the count pulse
following the count where the timer reaches “0016”.
•In the timers 1 to 3, switching of the count sources of timers 1 to 3 does not affect the values
of reload latches. However, that may make count operation started. Therefore, write values again
in the order of timers 1, 2 and then timer 3 after their count sources have been switched.
•The timer current count value can be read out by reading the timer.
(2) Pulse output
•When using the TOUT output of timer 1 or timer 2, set bit 1 of port P5 direction register to “1”
(output mode).
•The TOUT output pin is shared with the XCOUT pin. Accordingly, when using f(XCIN)/2 as the timer
1 count source (bit 2 of timer 123 mode register = “0”), XCOUT oscillation drive must be disabled
(bit 5 of clock control register = “1”) to input clocks from the XCIN pin.
•The P51/XCOUT/TOUT pin cannot function as an ordinary I/O port while XCIN-XCOUT is oscillating. When
XCIN-XCOUT oscillation is stopped or XCOUT oscillation drive is disabled, this can be used as the TOUT
output pin of timer 1 or 2.
(3) At STP instruction executed
When the STP instruction is executed or Reset occurs, the timer 1 is set to “FF16” and the internal
clock
φ divided by 8 is automatically selected as its count source. Additionally, the timer 2 is set
to “0116” and the timer 1’s output is automatically selected as its count source. When the STP
instruction is being executed, all bits except bit 4 of the timer 123 mode register (address 002916)
are initialized to “0”. It is not necessary to set T123M1 (timer 1 count stop bit) to “0” before
executing the STP instruction. After returning from Stop mode, reset the timer 1 (address 002416),
timer 2 (address 002516), and the timer 123 mode register (address 002916).
3.3.9 Notes on Stop mode
•When the STP instruction is executed, bit 7 of the clock control register (address 001F16) goes
to “0”. To return from stop mode, reset CCR7 to “1”.
•When using fSYN (set internal system clock select bit (CPMA6) to “1”) as the internal system clock,
switch CPMA6 to “0” before executing the STP instruction. Reset CPMA6 after the system
returns from Stop Mode and the frequency synthesizer has stabilized.
CPMA6 does not need to be switched to “0” when using the WIT instruction.
•When the STP instruction is executed or Reset occurs, the timer 1 is set to “FF16” and the internal
clock
φ divided by 8 is automatically selected as its count source. Additionally, the timer 2 is set
to “0116” and the timer 1’s output is automatically selected as its count source. When the STP
instruction is being executed, all bits except bit 4 of the timer 123 mode register (address 002916)
are initialized to “0”. It is not necessary to set T123M1 (timer 1 count stop bit) to “0” before
executing the STP instruction. After returning from Stop mode, reset the timer 1 (address 002416),
timer 2 (address 002516), and the timer 123 mode register (address 002916).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com