Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 355 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 355 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 351Page - Renesas Technology Corp 7643 Datasheet HTML 352Page - Renesas Technology Corp 7643 Datasheet HTML 353Page - Renesas Technology Corp 7643 Datasheet HTML 354Page - Renesas Technology Corp 7643 Datasheet HTML 355Page - Renesas Technology Corp 7643 Datasheet HTML 356Page - Renesas Technology Corp 7643 Datasheet HTML 357Page - Renesas Technology Corp 7643 Datasheet HTML 358Page - Renesas Technology Corp 7643 Datasheet HTML 359Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 424 page
background image
7643 Group
REJ09B0133-0200
APPENDIX
3.3 Notes on use
Rev.2.00
Aug 28, 2006
page 32 of 98
(4) RDY function
When using RDY function in usual connection, it does not operate at 12 MHz of
φ or faster.
[Reason]
td(
φ-AH) + tsu(RDY-φ) = 31 ns (max.) + 21 ns (min.) = 52 ns.
twh (
φ), twl (φ) = 0.5 ✕ 83.33 – 5 = 36.665 ns
Therefore, it becomes 52 ns > 36.665 ns, so that the timing to enter RDY wait does not match.
________
However, if the timings can match owing to RDY pin by “L” fixation and others, the RDY function
can be used even at
φ = 12 MHz. In this situation the slow memory wait always functions.
(5) Wait function
The Wait function is serviceable at accessing an external memory in the memory expansion mode
and microprocessor mode. However, in these modes even if an external memory is assigned to
addresses 000816 to 000F16, the Wait function cannot function to these areas.
(6) Processor mode switch
Note when the processor mode is switched by setting of the processor mode bits (b1, b0 of
CPMA), that will immediately switch the accessible memory from external to internal or from
internal to external. If this is done, the first cycle of the next instruction will be operated from the
accidental memory.
To prevent this problem, follow the procedure below:
(a) Duplicate the next instruction at the same address both in internal and external memories.
(b) Switch from single-chip mode to memory expansion mode, jump to external memory, and then
switch from memory expansion mode to microprocessor mode. (Because in general, the problem
will not occur when switching the modes as long as the same memory is accessed after the
switch.
(c) Load a simple program in RAM that switches the modes, jump to RAM and execute the
program, then jump to the location of the code to run after the processor mode has switched.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com