Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 352 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 352 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 348Page - Renesas Technology Corp 7643 Datasheet HTML 349Page - Renesas Technology Corp 7643 Datasheet HTML 350Page - Renesas Technology Corp 7643 Datasheet HTML 351Page - Renesas Technology Corp 7643 Datasheet HTML 352Page - Renesas Technology Corp 7643 Datasheet HTML 353Page - Renesas Technology Corp 7643 Datasheet HTML 354Page - Renesas Technology Corp 7643 Datasheet HTML 355Page - Renesas Technology Corp 7643 Datasheet HTML 356Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 424 page
background image
7643 Group
REJ09B0133-0200
APPENDIX
3.3 Notes on use
Rev.2.00
Aug 28, 2006
page 29 of 98
(4) USB Communication
•In applications requiring high-reliability, we recommend providing the system with protective measures
such as USB function initialization by software or USB reset by the host to prevent USB communication
from being terminated unexpectedly, for example due to external causes such as noise.
(5) Registers and bits
•When using the endpoint 0, use the USB endpoint 0 IN max. packet size register for transmission
and reception (IN packet size and OUT packet size).
•When not using the USB endpoint x (x = 0 to 2) IN max. packet size register and USB endpoint
x OUT max. packet size register, set them to “0”.
•To write to/read from the USB interrupt status registers 1 and 2, perform it for the USB interrupt
status register 1 first and then the register 2.
•Make sure the index indicated by the USB endpoint index register is correct when accessing the
registers: USB endpoint x (x = 0 to 2) IN control register, USB endpoint x OUT control register,
USB endpoint x IN max. packet size register, USB endpoint x OUT max. packet size register,
USB endpoint x (x = 0 to 2) OUT write count registers Low and High, USB endpoint FIFO mode
register.
•When the USB reset interrupt status flag is kept at “1”, all other flags in the USB internal registers
(addresses 005016 to 005F16) will return to their reset status. However, the following registers are
not affected by the USB reset: USB control register (address 001316), Frequency synthesizer
control register (address 006C16), Clock control register (address 001F16), and USB endpoint x
FIFO register (addresses 006016 to 006216).
•When not using the USB function, set the USB line driver supply enable bit of the USB control
register (address 001316) to “1” for power supply to the internal circuits (at Vcc = 5 V).
•The IN_PKT_RDY Bit can be set by software even when using the AUTO_SET function.
•Do not write to USB-related registers (addresses 005016 to 006216) except the USBC, CCR and
FSC until the USB clock is enabled.
•When the MCU is in the USB-suspend state, the USB enable bit is kept “1”; the USB block is
enabled. To write to USB-related registers (addresses 005016 to 006216) except the USBC, CCR
and FSC after returning from the USB-suspend state; after enabling the USB clock, wait for 4
or more
φ cycles and then set those registers.
•When using the MCU at Vcc = 3.3V, set the USB line driver supply enable bit to “0” (line driver
disable). Note that setting the USB line driver current control bit (USBC3) doesn’t affect the USB
operation.
•Setting the FLUSH bit to “1” eliminates the data in IN FIFO and OUT FIFO. If there are 2 or more-
data packets in them, the oldest data is eliminated. The FLUSH bit setting also affects the
IN_PKT_RDY bit or the OUT_PKT_RDY flag.
•If the FLUSH bit is set to “1” while transmission/reception is being performed, the data might be
corrupted. When receiving, setting the FLUSH bit must be done while the OUT_PKT_RDY flag
is “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com