Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 353 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 353 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 349Page - Renesas Technology Corp 7643 Datasheet HTML 350Page - Renesas Technology Corp 7643 Datasheet HTML 351Page - Renesas Technology Corp 7643 Datasheet HTML 352Page - Renesas Technology Corp 7643 Datasheet HTML 353Page - Renesas Technology Corp 7643 Datasheet HTML 354Page - Renesas Technology Corp 7643 Datasheet HTML 355Page - Renesas Technology Corp 7643 Datasheet HTML 356Page - Renesas Technology Corp 7643 Datasheet HTML 357Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 424 page
background image
7643 Group
REJ09B0133-0200
APPENDIX
3.3 Notes on use
Rev.2.00
Aug 28, 2006
page 30 of 98
•Use the transfer instructions such as LDA and STA to set the registers: USB interrupt status
registers 1, 2 (addresses 005216, 005316); USB endpoint 0 IN control register (address 005916);
USB endpoint x IN control register (address 005916); USB endpoint x OUT control register (address
005A16). Do not use the read-modify-write instructions such as the SEB or the CLB instruction.
When writing to bits shown by Table 32 using the transfer instruction such as LDA or STA, a
value which never affect its bit state is required. Take the following sequence to change these
bits contents:
(1) Store the register contents onto a variable or a data register.
(2) Change the target bit on the variable or the data register. Simultaneously mask the bit so that
its bit state cannot be changed. (See to Table 3.3.1.)
(3) Write the value from the variable or the data register to the register using the transfer instruction
such as LDA or STA.
•To use the AUTO_SET function for an IN transfer when the AUTO_SET bit is set to 1, set the
FIFO to single buffer mode.
Table 3.3.1 Bits of which state might be changed owing to software write
Register name
USB endpoint 0 IN control register
USB endpoint x (x = 1 to 2) IN control register
USB endpoint x (x = 1 to 2) OUT control register
Bit name
IN_PKT_RDY (b1)
DATA_END (b3)
FORCE_STALL (b4)
IN_PKT_RDY (b0)
OUT_PKT_RDY (b0)
FORCE_STALL (b4)
Value not affecting state (Note)
“0”
“0”
“1”
“0”
“1”
“1”
Note: Writing this value will not change the bit state, because this value cannot be written to the bit by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com