Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 404 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 404 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 400Page - Renesas Technology Corp 7643 Datasheet HTML 401Page - Renesas Technology Corp 7643 Datasheet HTML 402Page - Renesas Technology Corp 7643 Datasheet HTML 403Page - Renesas Technology Corp 7643 Datasheet HTML 404Page - Renesas Technology Corp 7643 Datasheet HTML 405Page - Renesas Technology Corp 7643 Datasheet HTML 406Page - Renesas Technology Corp 7643 Datasheet HTML 407Page - Renesas Technology Corp 7643 Datasheet HTML 408Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 424 page
background image
7643 Group
REJ09B0133-0200
APPENDIX
3.5 Control registers
Rev.2.00
Aug 28, 2006
page 81 of 98
ROM code protect control register
b7 b6 b5 b4 b3 b2 b1 b0
ROM code protect control register
(ROMCP : address FFC916) (Note 1)
b
0
1
0
Name
Functions
At reset R W
1
1
1
1
ROM code protect level 2
set bits (ROMCP2)
(Notes 2, 3)
2
3
b3b2
0 0 : Protect enabled
0 1 : Protect enabled
1 0 : Protect enabled
1 1 : Protect disabled
1
1
ROM code protect level 1
set bits (ROMCP1)
(Note 2)
6
7
b7b6
0 0 : Protect enabled
0 1 : Protect enabled
1 0 : Protect enabled
1 1 : Protect disabled
1
1
ROM code protect reset
bits (ROMCR) (Note 4)
4
5
b5b4
0 0 : Protect removed
0 1 : Protect set bits effective
1 0 : Protect set bits effective
1 1 : Protect set bits effective
Notes 1: This area is on the ROM in the mask ROM version.
2: When ROM code protect is turned on, the internal flash memory is protected
against readout or modification in parallel I/O mode.
3: When ROM code protect level 2 is turned on, ROM code readout by a shipment
inspection LSI tester, etc. also is inhibited.
4: The ROM code protect reset bits can be used to turn off ROM code protect level 1
and ROM code protect level 2. However, since these bits cannot be modified in
parallel I/O mode, they need to be rewritten in standard serial I/O mode or CPU
rewrite mode.
1
1
Indefinite at read. Write “0” at write.
Reserved bits.
Fig. 3.5.55 Structure of ROM code protect control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com