Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 422 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 422 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 416Page - Renesas Technology Corp 7643 Datasheet HTML 417Page - Renesas Technology Corp 7643 Datasheet HTML 418Page - Renesas Technology Corp 7643 Datasheet HTML 419Page - Renesas Technology Corp 7643 Datasheet HTML 420Page - Renesas Technology Corp 7643 Datasheet HTML 421Page - Renesas Technology Corp 7643 Datasheet HTML 422Page - Renesas Technology Corp 7643 Datasheet HTML 423Page - Renesas Technology Corp 7643 Datasheet HTML 424Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 422 / 424 page
background image
(1/1)
REVISION HISTORY
Rev.
Date
Description
Page
Summary
7643 Group User’s Manual
1.00 Jan 30, 2004
First edition issued
Package names “80P6N-A”
→ “PRQP0080GB-A” revised
Package names “80P6Q-A”
→ “PLQP0080KB-A” revised
Fig. 44 “5: To use the AUTO_SET function .... to single buffer mode.” added
CLOCK GENERATING CIRCUIT; “No external resistor is needed .... resistor
exists on-chip.”
→ “No external resistor is needed .... depending on conditions.)
Fig. 56; Pulled up added, NOTE added
UART; “•Do not update .... an undefined data might be output.”added
USB; “•To use the AUTO_SET function .... to single buffer mode.” added
Power Source Voltage added
USB Communication added
“For the mask ROM confirmation .... http://www.infomicom.maec.co.jp/indexe.htm”
→ “For the mask ROM confirmation .... (http://www.renesas.com).”
2.5.6 “64-byte”, “64 bytes”
→ “128-byte”, “128 bytes”
“USB endpoint 1”
→ “USB endpoint 2”
Fig. 2.5.16, Fig. 2.5.17, Fig. 2.5.18 revised
(8) USB endpoint 1, 2 IN control register;
“(this bit is automatically set to “1” when AUTO_SET bit is “1”)” deleted
Fig. 2.6.14 “3: To use the AUTO_SET function .... to single buffer mode.” added
2.6.4 “- When AUTO_SET bit = “1”.....packet size) is transferred” deleted
2.6.10 (4) USB Communication added
(5) Registers and bits; “
• To use the AUTO_SET function .... to single buffer
mode.” added
3.3.5 (4) USB Communication added
(5) “•To read from the USB endpoint x .... then the higher byte.” deleted
(5) Registers and bits; “
• To use the AUTO_SET function .... to single buffer
mode.” added
Fig. 3.5.43 “3: To use the AUTO_SET function .... to single buffer mode.” added
3.6 Package outline revised
–
All pages
Chapter 1
52
61
98
99
101
102
Chapter 2
91
92-94
113
115
124
165
166
Chapter 3
29
30
72
82, 83
2.00 Aug 28, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com