| Electronic Components Datasheet Search |
|
7643 Datasheet(PDF) 419 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7643 Datasheet(HTML) 419 Page - Renesas Technology Corp |
|
419 / 424 page ![]() 7643 Group REJ09B0133-0200 APPENDIX 3.9 SFR memory map Rev.2.00 Aug 28, 2006 page 96 of 98 3.9 SFR memory map CPU mode register A (CPUA) CPU mode register B (CPUB) Interrupt request register A (IREQA) Interrupt request register B (IREQB) Interrupt request register C (IREQC) Interrupt control register A (ICONA) Interrupt control register B (ICONB) Interrupt control register C (ICONC) Port P0 (P0) Port P0 direction register (P0D) Port P1 (P1) Port P1 direction register (P1D) Port P2 (P2) Port P2 direction register (P2D) Port P3 (P3) Port P3 direction register (P3D) Port control register (PTC) Interrupt polarity select register (IPOL) Port P2 pull-up control register (PUP2) USB control register (USBC) Port P6 (P6) Port P6 direction register (P6D) Port P5 (P5) Port P5 direction register (P5D) Port P4 (P4) Port P4 direction register (P4D) Port P7 (P7) Port P7 direction register (P7D) Port P8 (P8) Port P8 direction register (P8D) Reserved (Note 1) Clock control register (CCR) Reserved (Note 1) Reserved (Note 1) Reserved (Note 1) Reserved (Note 1) Timer 1 (T1) Timer 2 (T2) Timer 3 (T3) Reserved (Note 1) Reserved (Note 1) Timer 123 mode register (T123M) Serial I/O shift register (SIOSHT) Serial I/O control register 1 (SIOCON1) Serial I/O control register 2 (SIOCON2) Reserved (Note 1) Reserved (Note 1) Reserved (Note 1) UART mode register (UMOD) UART baud rate generator (UBRG) UART status register (USTS) UART control register (UCON) UART transmit/receive buffer register 1 (UTRB1) UART transmit/receive buffer register 2 (UTRB2) UART RTS control register (URTSC) Reserved (Note 1) 000016 000116 000316 000416 000216 000516 000616 000716 000816 000916 000A16 000B16 000C16 000D16 000E16 000F16 001016 001116 001216 001316 001416 001516 001616 001716 001816 001916 001A16 001B16 001C16 001D16 001E16 001F16 002016 002116 002216 002316 002416 002516 002616 002716 002816 002916 002A16 002B16 002C16 002D16 002E16 002F16 003016 003116 003216 003316 003416 003516 003616 003716 Reserved (Note 1) Reserved (Note 1) Reserved (Note 1) Reserved (Note 1) Reserved (Note 1) Reserved (Note 1) Reserved (Note 1) DMAC index and status register (DMAIS) DMAC channel x mode register 1 (DMAx1) DMAC channel x mode register 2 (DMAx2) DMAC channel x source register Low (DMAxSL) DMAC channel x source register High (DMAxSH) DMAC channel x destination register Low (DMAxDL) DMAC channel x destination register High (DMAxDH) DMAC channel x transfer count register Low (DMAxCL) DMAC channel x transfer count register High (DMAxCH) Reserved (Note 1) Reserved (Note 1) Reserved (Note 1) Reserved (Note 1) Reserved (Note 1) Reserved (Note 1) Reserved (Note 1) Reserved (Note 1) USB address register (USBA) USB power management register (USBPM) USB interrupt status register 1 (USBIS1) USB interrupt status register 2 (USBIS2) USB interrupt enable register 1 (USBIE1) USB interrupt enable register 2 (USBIE2) Reserved (Note 1) Reserved (Note 1) USB endpoint index register (USBINDEX) USB endpoint x IN control register (IN_CSR) USB endpoint x OUT control register (OUT_CSR) USB endpoint x IN max. packet size register (IN_MAXP) USB endpoint x OUT max. packet size register (OUT_MAXP) USB endpoint x OUT write count register (WRT_CNT) Reserved (Note 1) USB endpoint FIFO mode register (USBFIFOMR) USB endpoint 0 FIFO (USBFIFO0) USB endpoint 1 FIFO (USBFIFO1) USB endpoint 2 FIFO (USBFIFO2) Reserved (Note 1) Reserved (Note 1) Reserved (Note 1) Reserved (Note 1) Reserved (Note 1) Reserved (Note 1) Reserved (Note 1) Flash memory control register (FMCR) (Note 2) Reserved (Note 1) Frequency synthesizer control register (FSC) Frequency synthesizer multiply register 1 (FSM1) Frequency synthesizer multiply register 2 (FSM2) Frequency synthesizer divide register (FSD) 003816 003916 003B16 003C16 003A16 003D16 003E16 003F16 004016 004116 004216 004316 004416 004516 004616 004716 004816 004916 004A16 004B16 004C16 004D16 004E16 004F16 005016 005116 005216 005316 005416 005516 005616 005716 005816 005916 005A16 005B16 005C16 005D16 005E16 005F16 006016 006116 006216 006316 006416 006516 006616 006716 006816 006916 006A16 006B16 006C16 006D16 006E16 006F16 FFC916 ROM code protect control register (ROMCP) (Note 3) Notes 1: Do not write any data to this addresses, because these areas are reserved. 2: This area is reserved in the mask ROM version. 3: This area is on the ROM in the mask ROM version. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |