Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 132Page - Renesas Technology Corp 7643 Datasheet HTML 133Page - Renesas Technology Corp 7643 Datasheet HTML 134Page - Renesas Technology Corp 7643 Datasheet HTML 135Page - Renesas Technology Corp 7643 Datasheet HTML 136Page - Renesas Technology Corp 7643 Datasheet HTML 137Page - Renesas Technology Corp 7643 Datasheet HTML 138Page - Renesas Technology Corp 7643 Datasheet HTML 139Page - Renesas Technology Corp 7643 Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 15 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.2 Timer
Fig. 2.2.7 Structure of Interrupt control register C
Fig. 2.2.6 Structure of Interrupt control register B
Interrupt control register B
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt control register B
(ICONB : address 0616)
b
0
0
0
0
0
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
UART summing error
interrupt enable bit
Timer 1 interrupt enable bit
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
Timer 2 interrupt enable bit
0
Nothing is arranged for these bits.
Fix these bits to “0”.
Interrupt control register C
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt control register C
(ICONC : address 0716)
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
Timer 3 interrupt enable bit
Serial I/O interrupt enable
bit
Key input interrupt enable
bit
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0
00 0
0 0
Nothing is arranged for this bit.
Fix this bit to “0”.
Nothing is arranged for these bits.
Fix these bits to “0”.
Nothing is arranged for these bits.
Fix these bits to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com