Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 136Page - Renesas Technology Corp 7643 Datasheet HTML 137Page - Renesas Technology Corp 7643 Datasheet HTML 138Page - Renesas Technology Corp 7643 Datasheet HTML 139Page - Renesas Technology Corp 7643 Datasheet HTML 140Page - Renesas Technology Corp 7643 Datasheet HTML 141Page - Renesas Technology Corp 7643 Datasheet HTML 142Page - Renesas Technology Corp 7643 Datasheet HTML 143Page - Renesas Technology Corp 7643 Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 19 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.2 Timer
(3) Timer application example 2: Piezoelectric buzzer output
Outline: The rectangular waveform output function of the timer is applied for a piezoelectric buzzer
output.
Specifications: •The rectangular waveform, dividing the clock f(XIN) = 4.19 MHz (222 Hz) into about
2 kHz (2048 Hz), is output from the P51/TOUT/XCOUT pin.
•The level of the P51/TOUT/XCOUT pin is fixed to “H” while a piezoelectric buzzer
output stops.
Figure 2.2.11 shows a peripheral circuit example, and Figure 2.2.12 shows the timers connection
and setting of division ratios. Figure 2.2.13 shows the related registers setting, and Figure 2.2.14
shows the control procedure.
Fig. 2.2.11 Peripheral circuit example
Fig. 2.2.12 Timers connection and setting of division ratios
f(XIN)
4.19 MHz
1/2
1/8
1/64
Count source
selection
φ / 8
Timer 1
1/2
Fixed
P51/TOUT/XCOUT
7643 Group
P51/TOUT/XCOUT
PiPiPi.....
244
µs
TOUT output
The “H” level is output while a piezoelectric buzzer output stops.
244
µs
Set a division ratio so that the underflow
output period of the timer 1 can be 244
µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com