Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 139Page - Renesas Technology Corp 7643 Datasheet HTML 140Page - Renesas Technology Corp 7643 Datasheet HTML 141Page - Renesas Technology Corp 7643 Datasheet HTML 142Page - Renesas Technology Corp 7643 Datasheet HTML 143Page - Renesas Technology Corp 7643 Datasheet HTML 144Page - Renesas Technology Corp 7643 Datasheet HTML 145Page - Renesas Technology Corp 7643 Datasheet HTML 146Page - Renesas Technology Corp 7643 Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 22 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.2 Timer
2.2.4 Notes on timer
(1) Read/Write for timer
•The timer division ratio is : 1 / (n + 1)
(n = “0” to “255” written into the timer)
•When the value is loaded only in the latch, the value is loaded in the timer at the count pulse
following the count where the timer reaches “0016”.
•In the timers 1 to 3, switching of the count sources of timers 1 to 3 does not affect the values
of reload latches. However, that may make count operation started. Therefore, write values again
in the order of timers 1, 2 and then timer 3 after their count sources have been switched.
•The timer current count value can be read out by reading the timer.
(2) Pulse output
•When using the TOUT output of timer 1 or timer 2, set bit 1 of port P5 direction register to “1”
(output mode).
•The TOUT output pin is shared with the XCOUT pin. Accordingly, when using f(XCIN)/2 as the timer 1
count source (bit 2 of timer 123 mode register = “0”), XCOUT oscillation drive must be disabled (bit
5 of clock control register = “1”) to input clocks from the XCIN pin.
•The P51/XCOUT/TOUT pin cannot function as an ordinary I/O port while XCIN-XCOUT is oscillating. When
XCIN-XCOUT oscillation is stopped or XCOUT oscillation drive is disabled, this can be used as the TOUT
output pin of timer 1 or 2.
(3)
STP instruction
When the reset or STP instruction is being executed, “0116” is set to the timer 2 and timer 2 latch,
and “FF16” is set to the timer 1 and timer 1 latch, and the timer 1 output is forcibly set as the timer
2 count source. Also, all bits except bit 4 of the timer 123 mode register (address 002916) are
initialized to “0”.
After returning from Stop Mode, reset the timer 1 (address 002416), timer 2
(address 002516), and the timer 123 mode register (address 002916).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com