Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 177Page - Renesas Technology Corp 7643 Datasheet HTML 178Page - Renesas Technology Corp 7643 Datasheet HTML 179Page - Renesas Technology Corp 7643 Datasheet HTML 180Page - Renesas Technology Corp 7643 Datasheet HTML 181Page - Renesas Technology Corp 7643 Datasheet HTML 182Page - Renesas Technology Corp 7643 Datasheet HTML 183Page - Renesas Technology Corp 7643 Datasheet HTML 184Page - Renesas Technology Corp 7643 Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 60 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.4 UART
Fig. 2.4.24 Connection diagram
(3) Data packet transfer (with no error processing) from USB FIFO to UART using DMA
Outline : transmit the data in USB FIFO to Host CPU using DMA and UART.
Specifications : • USB Endpoint1: OUT bulk transfer
• USB Endpoint1: OUT interrupt
• USB Endpoint1 packet size: 64 Bytes
• UART transmit is used.
• DMA cycle steal transfer mode (fixed address -> fixed address transfer)
• DMA transfer unit : 64 bytes fixed (short packet un-supported)
• UART transmit interrupt request (when transmitting shift operation is completed)
is used for DMA factor
• Transfer bit rate : 9600 bps (
φ = 12 MHz divided by 1248)
In this case, f(XIN)=24 MHz, system clock=f(XIN).
φ is system clock divided by 2.
• Data format: 1ST-8DATA-1SP
• Parity bit is disabled
• Re-transmit by transfer error is not performed
• Use of CTS functions
The UART transmit is enabled by USB Endpoint1 OUT interrupt after USB data is received from
the host PC. The UART transmit interrupt source is set for a trigger of DMA.
The first UART transmit interrupt source (UART transmit interrupt is not used) occurs by enable
of UART transmit. By this UART transmit interrupt as a trigger of DMA, the data of USB FIFO is
transmitted to the UART transmit/receive buffer register.
In the 7643 group, DMA interrupt occurs after DMA transmits the 64-byte data of USB FIFO to
UART. In this time, the UART transmit is disabled and the OUT_PKT_RDY flag of USB Endpoint1
OUT is cleared to “0.” As a result, the USB Endpoint1 can receive the following data.
Figure 2.4.24 shows a connection diagram.
Figure 2.4.25, 2.4.26 and 2.4.27 show register settings.
Figure 2.4.28 and 2.4.29 show control procedures.
URXD
RTS
P84/UTXD
P86/CTS
7643 Group
Host CPU
USB
DMA transfer
USB OUT
Host PC
Transmitting side
Receiving side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com