Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 181Page - Renesas Technology Corp 7643 Datasheet HTML 182Page - Renesas Technology Corp 7643 Datasheet HTML 183Page - Renesas Technology Corp 7643 Datasheet HTML 184Page - Renesas Technology Corp 7643 Datasheet HTML 185Page - Renesas Technology Corp 7643 Datasheet HTML 186Page - Renesas Technology Corp 7643 Datasheet HTML 187Page - Renesas Technology Corp 7643 Datasheet HTML 188Page - Renesas Technology Corp 7643 Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 64 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.4 UART
Fig. 2.4.28 Control procedure (1)
CCR (Address : 1F16)
FSM1 (Address : 6D16)
FSM2 (Address : 6E16)
FSD (Address : 6F16)
FSC (Address : 6C16)
USBC (Address : 1316)
USBFIFOMR (Address : 5F16)
USBIE1 (Address : 5416)
USBINDEX (Address : 5816)
OUT_MAXP (Address : 5C16)
OUT_CSR (Address : 5A16)
UBRG (Address : 3116)
UMOD (Address : 3016)
UCON (Address : 3316)
DMAIS (Address : 3F16)
DMA0SL (Address : 4216)
DMA0SH (Address : 4316)
DMA0DL (Address : 4416)
DMA0DH (Address : 4516)
DMA0CL (Address : 4616)
DMA0CH (Address : 4716)
DMA0M1 (Address : 4016)
DMA0M2 (Address : 4116)
ICONA (Address : 0516)
IREQA (Address : 0216)
.....
8016
0016
FF16
0016
4116
101100x02
xxxxxx002
xxxx10012
000000012
0816
000100012
4D16
010x00002
0011x0002
0xxxxxxx2
6116
0016
3416
0016
6416
0016
00110x0x2
0x0x00102
0xx1xxx12
0016
RESET
Refer to the USB initiral setting.
• USB initializing
(Interrupt disabled)
Endpoint1FIFO : OUT128 bytes
Endpoint0, Endpoint1OUT interrupt enabled
Max. packet size : 64 bytes
...
• UART initializing
φ as UART clock, 1 stop bit,
Parity checking disabled, 8-bit character length
CTS function enabled, RTS function disabled
Tramsmit interrupt source : Transmit shift completed
• DMA initializing
DMA0 selected
Source address : USBFIFO1
Destination address : UART transmit buffer register 1
Transmit byte : 64 bytes fixed
DMAC channel 0 source increment : disabled
DMAC channel 0 source register increment : disabled
DMAC channel 0 destination register increment : disabled
DMAC channel 0 write control : Writing data in reload latch only
DMAC count register underflow : enabled
DMAC channel 0 transfer mode : cycle steal transfer mode
DMAC channel 0 hardware transfer request : UART transmit interrupt
DMAC channel 0 : disabled
• Others
USB function interrupt : enabled
DMAC0 interrupt : enabled
UART transmit interrupt : disabled
..... (interrupt enabled)
Initialization
q x: This bit is not used here. Set it to “0” or “1” arbitrarily.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com