Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 182Page - Renesas Technology Corp 7643 Datasheet HTML 183Page - Renesas Technology Corp 7643 Datasheet HTML 184Page - Renesas Technology Corp 7643 Datasheet HTML 185Page - Renesas Technology Corp 7643 Datasheet HTML 186Page - Renesas Technology Corp 7643 Datasheet HTML 187Page - Renesas Technology Corp 7643 Datasheet HTML 188Page - Renesas Technology Corp 7643 Datasheet HTML 189Page - Renesas Technology Corp 7643 Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 65 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.4 UART
Fig. 2.4.29 Control procedure (2)
USBIS1 (Address : 5216), bit3
DMA0M2 (Address : 4116)
UCON (Address : 3316) ,bit2
UCON (Address : 3316) ,bit0
1
110000102
1
1
• Start processing
DMA0 enabled
UART transmit initializing
UART transmit enabled
* Interrupt request flag is set as soon as
UART transmit interrupt is enabled.
However, in this time, since interrupt request flag is
only for reference, so that the interrupt processing is
not performed actually.
USB endpoint 1OUT interrupt
RTI
Interrupt occurs
000000102
000000012
000100012
* When USBINDEX is set, the stored value is
pushed to the temporary buffer, and after the
interrupt processing is finished, pop the pushed
values to USBINDEX.
• End processing
DMA0 disabled
USB receive (OUT) : enabled
DMA0 interrupt
RTI
Interrupt occurs
q x: This bit is not used here. Set it to “0” or “1” arbitrarily.
Pop registers
Push registers to stack
Pop registers
Push registers to stack
DMA0M2 (Address : 4116)
USBINDEX (Address : 5816)
OUT_CSR (Address : 5A16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com