Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 183Page - Renesas Technology Corp 7643 Datasheet HTML 184Page - Renesas Technology Corp 7643 Datasheet HTML 185Page - Renesas Technology Corp 7643 Datasheet HTML 186Page - Renesas Technology Corp 7643 Datasheet HTML 187Page - Renesas Technology Corp 7643 Datasheet HTML 188Page - Renesas Technology Corp 7643 Datasheet HTML 189Page - Renesas Technology Corp 7643 Datasheet HTML 190Page - Renesas Technology Corp 7643 Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 66 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.4 UART
Fig. 2.4.30 Connection diagram
UTXD
CTS
P85/URXD
P87/RTS
USB
USB IN
Host PC
7643 Group
Host CPU
DMA transfer
Transmitting side
Receiving side
(4) Data packet transfer (with no error processing) from UART to USB FIFO using DMA
Outline : write the data received from host CPU by UART to USB FIFO by DMA, and transmit the
data to host PC.
Specifications : • USB Endpoint1: IN bulk transfer
• USB Endpoint1: IN interrupt
• USB Endpoint1 packet size: 64 Bytes
• UART receive is used.
• DMA cycle steal transfer mode (fixed address -> fixed address transfer)
• DMA transfer unit : 64 bytes fixed (short packet un-supported)
• UART receive buffer full interrupt request is used for DMA factor
• Transfer bit rate : 9600 bps (
φ = 12 MHz divided by 1248)
In this case, f(XIN)=24 MHz, system clock=f(XIN).
φ is system clock divided by 2.
• Data format: 1ST-8DATA-1SP
• Parity bit is disabled
• Re-transmit by transfer error is not performed
• Use of RTS functions
After the hardware reset, the UART receive and DMA are enabled in the initial setting. The UART
receive interrupt source is set for a trigger of DMA.
When the UART receive is started, the UART receive interrupt source (UART receive buffer full
interrupt and UART receive summing error interrupt are not used) occurs. By this UART receive
interrupt as a trigger of DMA, the 1-byte data of UART transmit/receive buffer register is transferred
to the USB FIFO.
In the 7643 group, DMA interrupt occurs after DMA transfers the 64-byte UART receive data to
USB FIFO. In this time, the DMA is disabled and the IN_PKT_RDY flag of USB Endpoint1 IN is
set to “1.” As a result, the USB Endpoint1 can transmit the data to host PC.
Meanwhile, in the 7643 Group, after the data of USB FIFO is transmitted to host PC, the USB
Endpoint1 IN interrupt occurs. In this time, DMA is set to be enabled again and the DMA transfer
of the next UART receive data to USB FIFO is started.
Figure 2.4.30 shows a connection diagram.
Figure 2.4.31, 2.4.32 and 2.4.33 show register settings.
Figure 2.4.34 and 2.4.35 show control procedures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com