Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 184Page - Renesas Technology Corp 7643 Datasheet HTML 185Page - Renesas Technology Corp 7643 Datasheet HTML 186Page - Renesas Technology Corp 7643 Datasheet HTML 187Page - Renesas Technology Corp 7643 Datasheet HTML 188Page - Renesas Technology Corp 7643 Datasheet HTML 189Page - Renesas Technology Corp 7643 Datasheet HTML 190Page - Renesas Technology Corp 7643 Datasheet HTML 191Page - Renesas Technology Corp 7643 Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 67 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.4 UART
Fig. 2.4.31 Registers setting (1)
UART mode register (Address : 3016)
UMOD
0
0
0
0
0
1
0
UART baud rate generator (Address : 3116)
UBRG
4D16
UART control register (Address : 3316)
0 1 0
1
1
UCON
0
b0
b7
b0
b7
b0
b7
Interrupt request register A (Address : 0216)
IREQA
USB function interrupt request bit
DMAC0 interrupt request bit
UART receive buffer full interrupt request bit
0
b0
b7
00
UART RTS control register (Address : 3616)
URTSC
b0
b7
RTS assertion delay count select bits
Interrupt request register B (Address : 0316)
IREQB
UART summing error interrupt request bit
b0
b7
0
0
00
0
Interrupt control register A (Address : 0516)
ICONA
0
b0
b7
11
Interrupt control register B (Address : 0616)
ICONB
UART summing error interrupt : disabled
b0
b7
0
0
0
0
0
0
UART clock :
φ/1
Character length : 8 bits
Parity checking disabled
Stop bit length : 1 stop bit
Transmit disabled
Receive enabled
UART address mode disabled
Receive initializing
CTS function disabled
RTS function enabled
USB function interrupt: enabled
DMAC0 interrupt: enabled
UART transmit interrupt: disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com